Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148WS Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza 1N4148WS
Descripción Electrónicos  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4148WS Datasheet(HTML) 3 Page - Diodes Incorporated

  1N4148WS_10 Datasheet HTML 1Page - Diodes Incorporated 1N4148WS_10 Datasheet HTML 2Page - Diodes Incorporated 1N4148WS_10 Datasheet HTML 3Page - Diodes Incorporated 1N4148WS_10 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4148WS / BAV16WS
Document number: DS30097 Rev. 18 - 2
3 of 4
www.diodes.com
August 2010
© Diodes Incorporated
1N4148WS / BAV16WS
Ordering Information (Note 5)
Part Number
Case
Packaging
1N4148WS-7-F
SOD-323
3,000/Tape & Reel
1N4148WS-13-F
SOD-323
10,000/Tape & Reel
BAV16WS-7-F
SOD-323
3,000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
3.75
G
1.05
X
0.65
Y
1.35
C
2.40
XX = Product Type Marking Code, T4 or T6
XX
K
L
M
J
C
H
BA
Z
X
C
G
Y


Número de pieza similar - 1N4148WS_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
More results

Descripción similar - 1N4148WS_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com