Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA9240M Datasheet(PDF) 11 Page - Sanyo Semicon Device

No. de pieza LA9240M
Descripción Electrónicos  Analog Signal Processor (ASP) for CD players
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9240M Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA9240M Datasheet HTML 7Page - Sanyo Semicon Device LA9240M Datasheet HTML 8Page - Sanyo Semicon Device LA9240M Datasheet HTML 9Page - Sanyo Semicon Device LA9240M Datasheet HTML 10Page - Sanyo Semicon Device LA9240M Datasheet HTML 11Page - Sanyo Semicon Device LA9240M Datasheet HTML 12Page - Sanyo Semicon Device LA9240M Datasheet HTML 13Page - Sanyo Semicon Device LA9240M Datasheet HTML 14Page - Sanyo Semicon Device LA9240M Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Microprocessor Command List
MSB
LSB
COMMAND
Reset mode
Power-on mode
DSP
00000000
RESET
RESET(NOTHING)
00001000
FOCUS START
FOCUS START #1
11110000
11111000
11111111
2BYTE-COMMAND DETECT
2BYTE-COMMAND DETECT
2BYTE-COMMAND RESET
2BYTE-COMMAND DETECT
2BYTE-COMMAND DETECT
2BYTE-COMMAND RESET
10010000
FOCUS-OFFSET ADJUST START
10010001
FOCUS-OFFSET ADJUST OFF
V
10010010
TRACK-OFFSET ADJUST START
10010011
TRACK-OFFSET ADJUST OFF
V
10010100
10010101
LASER ON
LASER OFF : F-SERVO ON
10010110
LASER OFF : F-SERVO OFF
V
10010111
SPINDLE 8CM
10011000
SPINDLE 12 CM
V
10011001
SPINDLE OFF
10011010
SLED ON
V
10011011
SLED OFF
10011100
E/F BALANCE START
Non-adjusted
10011101
TRACK-SERVO OFF
V
10011110
TRACK-SERVO ON
Notes Concerning Microprocessor Program Creation
1.
Commands
After sending the FOCUS START command and the E/F BALANCE START command, send 11111110 (FEH) in order to
clear the internal registers of the IC.
Reason: Although the above commands are executed at point 1 in the timing chart below, the same commands will be
executed again at point 2 if there is subsequent input to CE as shown below.
When sending a TRACK-OFFSET ADJUST START command or a FOCUS-OFFSET ADJUST START command after either
VCC ON (POWER ON RESET), RESET command, or a corresponding OFFSET ADJUST OFF command, waiting time is
necessary as listed below. (Only when a 4.2 MHz clock is input.)
TRACK-OFFSET ADJUST START: 4 ms or more
FOCUS-OFFSET ADJUST START: 4 ms or more
2.
E/F balance adjustment
E/F balance adjustments should be made in a bit region of the disc, not a mirrored region.
Since there is no track-kick for LA9240M, measures must be taken during EF balance adjustment to obtain a stable TE
signal. (By a sled movement signal from a microprocessor, for example.)
Timing
2 µs or more
1 µs or more
10 µs or more
1 µs or more
2 µs or more
‘‘FOCUS START’’ command
‘‘E/F BALANCE START’’ command
LA9240M
No.5482 - 11/20


Número de pieza similar - LA9240M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results

Descripción similar - LA9240M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com