Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

C21062101 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

No. de Pieza. C21062101
Descripción  Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 12, Conductor/Strands: 65/30
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENERAL [General Cable Technologies Corporation]
Página de inicio  http://www.generalcable.com
Logo 

C21062101 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C2106.21.01
Product SKU:
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 12, Conductor/Strands: 65/30, Jacket:
Product Description:
Premium Grade PVC, Temperature Range: -20°C to +105°C - Black - 1000 Ft. Spool
Product Category:
Electronics - Hook-Up Wire - UL 1015, CSA TEW - STRANDED CONDUCTORS - Black
Product Construction:
Conductor:
24 thru 10 AWG
Fully-annealed, tinned copper per ASTM B-33
Solid or stranded
Insulation:
Color Code: See chart below
Premium grade color-coded PVC
Temperature range: -20°C to +105°C
Product Specification:
Conductor Size (AWG):
12
Conductor/Strands:
65/30
No. of Pairs:
1
Jacket Color:
Black
Nominal Insulation Thickness
0.032
(in):
Nominal Insulation Thickness
0.81
(mm):
Nominal Outside Diameter (in):
0.160
Nominal Outside Diameter
4.06
(mm):
Standard Packaging:
1000' Spool


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn