Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

C21062101 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

No. de Pieza. C21062101
Descripción  Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 12, Conductor/Strands: 65/30
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  GENERAL [General Cable Technologies Corporation]
Página de inicio  http://www.generalcable.com
Logo 

C21062101 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Standard Package Quantity:
1
UPC #:
079407769100
Put-up:
1000
SCC-14:
50079407769100
Cube:
13612.32
Weight Per Unit of Measure:
.03
ColorOption:
Black
Product Information:
Applications:
Internal wiring of electrical and electronic equipment
Internal wiring of panels and meters
Point-to-point wiring
Suggested voltage rating: 600 Volts
Compliances:
CSA Type TEW
Designed to Meet UL VW-1 Vertical Wire Flame Test
UL Style 1015 - 105°C, 600V
Packaging:
10,000 foot (3048m) Reels
1000' (305 m) Spools
Other put-ups available- consult Customer Service
Reference Charts
Color Code Chart
Technical Specifications
Unit Conversion Factors
Cable Design Equations - Balanced Pair
Insulation and Jacket Properties
Temperature Conversion Chart
Decimal and Unit Conversion Factors
Cable Design Equations - Braid Shield
AWG Conductor Chart
Conduit Capacity Chart


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn