Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT1000 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza BAT1000
Descripción Electrónicos  1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT1000 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT1000 Datasheet HTML 1Page - Diodes Incorporated BAT1000 Datasheet HTML 2Page - Diodes Incorporated BAT1000 Datasheet HTML 3Page - Diodes Incorporated BAT1000 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT1000
Document number: DS30245 Rev. 9 - 2
2 of 4
www.diodes.com
October 2010
© Diodes Incorporated
BAT1000
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Current
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
IFSM
5.5
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
500
mW
Typical Thermal Resistance, Junction to Ambient Air
(Note 4)
RθJA
200
°C/W
Operating Temperature Range
TJ
-40 to +125
°C
Storage Temperature Range
TSTG
-40 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
40
V
IR = 300uA
Forward Voltage
VF
225
235
290
340
390
420
475
270
290
340
400
450
500
600
mV
IF = 50mA
IF = 100mA
IF = 250mA
IF = 500mA
IF = 750mA
IF = 1000mA
IF = 1500mA
Reverse Current (Note 5)
IR
100
μA
VR = 30V
Total Capacitance
CT
175
25
pF
pF
VR = 0V, f = 1.0MHz
VR = 25V, f = 1.0MHz
Notes:
4. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com.
5. Short duration pulse test used to minimize self-heating effect.


Número de pieza similar - BAT1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000 DIODES-BAT1000 Datasheet
364Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
BAT1000-7 DIODES-BAT1000-7 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
BAT1000-7-F DIODES-BAT1000-7-F Datasheet
364Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
More results

Descripción similar - BAT1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000 Datasheet
79Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev 2 - 2
MBR180S1 DIODES-MBR180S1 Datasheet
364Kb / 5P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BAT1000 DIODES-BAT1000_1 Datasheet
364Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30245 Rev. 6 - 2
logo
Yea Shin Technology Co....
BAT140 YEASHIN-BAT140 Datasheet
124Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SS120 TSC-SS120 Datasheet
286Kb / 5P
   1A, 200V Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS491DJ SECOS-SCS491DJ Datasheet
90Kb / 2P
   1A , 25V Surface Mount Schottky Barrier Rectifier
SCS491D SECOS-SCS491D_11 Datasheet
62Kb / 2P
   1A , 25V Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
LGSS12A-SERIES LUGUANG-LGSS12A-SERIES Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SK14MAFG CITC-SK14MAFG Datasheet
504Kb / 4P
   1A Surface Mount Schottky Barrier Rectifiers
SKS12B CITC-SKS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com