Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS82671EVM-646 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS82671EVM-646
Descripción Electrónicos  The TPS82671 and TPS82675 devices are series of high-frequency, synchronous, step-down dc-dc converters optimized for battery-powered portable applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82671EVM-646 Datasheet(HTML) 5 Page - Texas Instruments

  TPS82671EVM-646 Datasheet HTML 1Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 2Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 3Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 4Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 5Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 6Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 7Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 8Page - Texas Instruments TPS82671EVM-646 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
JP2
PWM
MODE
PSM
JP1
ON
EN
OFF
GND
VIN
VOUT
GND
S-
+
S+
S+
-
S-
TPS826xxEVM-646
DC
Power Supply
Load
Oscilloscope
J7
-
+
www.ti.com
Test Configuration
4
Test Configuration
4.1
Hardware Setup
Figure 2 illustrates a typical hardware test configuration.
Figure 2. Hardware Board Connection
4.2
Procedure
Follow these procedures when configuring the EVM for testing.
CAUTION
Many of the components on the TPS8267xEVM-646 are susceptible to damage
by electrostatic discharge (ESD). Customers are advised to observe proper
ESD handling precautions when unpacking and handling the EVM, including
the use of a grounded wrist strap, bootstraps, or mats at an approved ESD
workstation. An electrostatic smock and safety glasses should also be worn.
1. Work at an ESD workstation. Make sure that any wrist straps, bootstraps, or mats are connected and
reference the user to earth ground before power is applied to the EVM. Electrostatic smocks and
safety glasses should also be worn.
2. Connect a dc power supply between J1 and J2 on the TPS8267xEVM. Note that the input voltage
should range from 2.3 V to 5.5 V. Keep the wires from the input power supply to EVM as short as
possible and twisted.
3. Connect a dc voltmeter or oscilloscope to the output sense connection of the EVM.
4. A load can be connected between J4 and J6 on the TPS8267xEVM.
5. To enable the converter, connect the shorting bar on JP1 between ENABLE and ON on the
TPS8267xEVM.
6. The TPS8267xEVM has a feature that allows users to switch between Power-Save Mode under light
loads and forced PWM mode, with jumper JP2.
5
SLVU383A – October 2010 – Revised November 2010
TPS8267xEVM
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Número de pieza similar - TPS82671EVM-646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS82671EVM-646 TI1-TPS82671EVM-646 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
More results

Descripción similar - TPS82671EVM-646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
RICOH electronics devic...
RP500X RICOH-RP500X Datasheet
645Kb / 16P
   The RP500X Series are CMOS-based step-down DC/DC Converters with synchronous rectifier.
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com