Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC591301 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza FC591301
Descripción Electrónicos  Silicon N-channel MOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FC591301 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FC591301 Datasheet HTML 1Page - Panasonic Semiconductor FC591301 Datasheet HTML 2Page - Panasonic Semiconductor FC591301 Datasheet HTML 3Page - Panasonic Semiconductor FC591301 Datasheet HTML 4Page - Panasonic Semiconductor FC591301 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver. AED
This product complies with the RoHS Directive (EU 2002/95/EC).
FC591301
2
Electrical Characteristics Ta = 25°C±3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Drain-source surrender voltage
VDSS
ID = 1 mA, VGS = 0
30
V
Drain-source cutoff current
IDSS
VDS = 30 V, VGS = 0
1.0
m
A
Gate-source cutoff current
IGSS
VGS = ±10 V, VDS = 0
±
10
m
A
Gate threshold voltage
VTH
ID = 1.0 mA, VDS = 3.0 V
0.5
1.0
1.5
V
Drain-source ON resistance
RDS(on)
ID = 10 mA, VGS = 2.5 V
3
6
W
ID = 10 mA, VGS = 4.0 V
2
3
Forward transfer admittance
Yfs ID = 10 mA, VDS = 3.0 V
20
55
mS
Short-circuit input capacitance (Common source)
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
12
pF
Short-circuit output capacitance (Common source)
Coss
7
pF
Reverse transfer capacitance (Common source)
Crss
3
pF
Turn-on time *
ton
VDD = 3 V, VGS = 0 V to 3 V,
ID = 10 mA
100
ns
Turn-off time *
toff
VDD = 3 V, VGS = 3 V to 0 V,
ID = 10 mA
100
ns
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Test circuit
VDD = 3 V
ID = 10 mA
RL = 300 Ω
VOUT
VIN
D
G
S
50 Ω
VIN
90%
10%
10%
90%
VOUT
ton
toff
VGS = 0 V to 3 V


Número de pieza similar - FC591301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
FC591601 PANASONIC-FC591601 Datasheet
551Kb / 5P
   Silicon N-channel MOS FET
More results

Descripción similar - FC591301

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com