Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QZX563C6V8C-7 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza QZX563C6V8C-7
Descripción Electrónicos  QUAD SURFACE MOUNT TVS ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

QZX563C6V8C-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  QZX563C6V8C-7 Datasheet HTML 1Page - Diodes Incorporated QZX563C6V8C-7 Datasheet HTML 2Page - Diodes Incorporated QZX563C6V8C-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QZX563C6V8C
QUAD SURFACE MOUNT TVS ARRAY
Features
Quad TVS in Common Anode Configuration
Nominal Zener Voltage: 6.8V
Ultra-Small Surface Mount Package
Ideal For Transient Suppression
Lead Free By Design/RoHS Compliant (Note 1)
"Green Device" (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
ESD Capability
IEC 61000-4-2 Contact Method: ±8kV
IEC 61000-4-2 Air Discharge Method: ± 25kV
Mechanical Data
Case: SOT-563
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Finish: Matte Tin, Annealed Over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Orientation: See Diagram
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.003 grams (approximate)
Bottom View
Device Schematic
C
2
C
1
NC
AC
3
C
4
Top View
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, 10x1000
μS Waveform (Note 5)
10
Peak Power Dissipation, 8x20
μS Waveform (Note 5)
Ppk
80
W
Forward Voltage @ IF = 10mA (Note 3)
VF
0.9
V
Forward Voltage @ IF = 100mA (Note 3)
VF
1.0
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4)
PD
150
mW
Thermal Resistance, Junction-to-Ambient (Note 4)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Reverse Standoff Voltage
and Leakage
Breakdown Voltage
(Note 3)
Maximum Reverse
Current
(Note 3)
Typical Junction
Capacitance
VRWM
IR @ VRWM
VBR @ IT = 1mA
IR @ VR
CT @ VR = 0V,
f = 1MHz
Type
Number
Marking
Code
V
μA
Min (V)
Nom (V)
Max (V)
μA
V
pF
QZX563C6V8C
CB
5
1.5
6.47
6.8
7.14
1.0
3.0
63
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Short duration pulse test used to minimize self-heating effect.
4. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. Suggested Pad Layout Document AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
5. Non-repetitive current pulse per Figure 2 & 3 and derate above TA = 25°C per Figure 1.
QZX563C6V8C
Document number: DS30716 Rev. 4 - 2
1 of 3
www.diodes.com
July 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Número de pieza similar - QZX563C6V8C-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
QZX563C6V8C-7 DIODES-QZX563C6V8C-7 Datasheet
96Kb / 3P
   QUAD SURFACE MOUNT TVS ARRAY
DS30716 Rev. 3 - 2
More results

Descripción similar - QZX563C6V8C-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DUP412VP5 DIODES-DUP412VP5 Datasheet
92Kb / 4P
   QUAD SURFACE MOUNT TVS ARRAY
DS31642 Rev. 6 - 2
DZQA5V6AXV5 DIODES-DZQA5V6AXV5 Datasheet
81Kb / 3P
   QUAD SURFACE MOUNT TVS ARRAY
QZX563C6V8C DIODES-QZX563C6V8C Datasheet
96Kb / 3P
   QUAD SURFACE MOUNT TVS ARRAY
DS30716 Rev. 3 - 2
DZQA6V8AXV5 DIODES-DZQA6V8AXV5 Datasheet
74Kb / 3P
   QUAD SURFACE MOUNT TVS ARRAY
DUP412VP5_1007 DIODES-DUP412VP5_1007 Datasheet
81Kb / 4P
   QUAD SURFACE MOUNT TVS ARRAY
QZX563C6V8C DIODES-QZX563C6V8C_15 Datasheet
132Kb / 3P
   QUAD SURFACE MOUNT TVS ARRAY
DZQA6V8AXV5-7 DIODES-DZQA6V8AXV5-7 Datasheet
74Kb / 4P
   QUAD SURFACE MOUNT TVS ARRAY
DUP45V6P5 DIODES-DUP45V6P5 Datasheet
224Kb / 5P
   QUAD SURFACE MOUNT TVS ARRAY
logo
Central Semiconductor C...
CMXTVS5V6 CENTRAL-CMXTVS5V6 Datasheet
416Kb / 3P
   SURFACE MOUNT SILICON QUAD TVS/ZENER ARRAY
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
543Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE QUAD SILICON TVS/DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com