Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1620 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LB1620
Descripción Electrónicos  3-Phase DD Motor Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1620 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1620 Datasheet HTML 1Page - Sanyo Semicon Device LB1620 Datasheet HTML 2Page - Sanyo Semicon Device LB1620 Datasheet HTML 3Page - Sanyo Semicon Device LB1620 Datasheet HTML 4Page - Sanyo Semicon Device LB1620 Datasheet HTML 5Page - Sanyo Semicon Device LB1620 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LB1620
No.1210-4/6
Pin Description
Pin name
Pin No.
Function
UIN1, UIN2
VIN1, VIN2
WIN1, WIN2
13, 14
15, 16
17, 18
U phase Hall element input pin, "H" of logic : VIN1>VIN2
V phase Hall element input pin, "H" of logic : VIN1>VIN2
W phase Hall element input pin, "H" of logic : VIN1>VIN2
UOUT
VOUT
WOUT
3
2
1
U phase output pin
V phase output pin
W phase output pin
VCC1
4
Power supply pin for applying output
VCC2
19
Power supply pin for applying voltage to each section other than output section.
The control point of control voltage is at approximately 1/2 of this voltage.
This voltage must be stabilized to be free from ripple, noise, etc.
Rf
20
Output current detect pin. By connecting Rf across this pin and GND pin, output
current is detected as voltage.
CD
10
Pin for fetching current (voltage) detected with Rf.
By connecting a resistor across CD pin and Rf, speed control start voltage can be
fine-adjusted.
STOP
9
Overcurrent protection pin.
Voltage being lower than that on CD pin is taken to be identical to overcurrent
flow, causing output to be cut off. Off-state is held.
For example, if STOP pin is set to 1.5V for Rf=1Ω, approximately 1.5A or more
flows at output, causing output to be cut off.
FCU
FCV
FCW
5
6
7
Frequency characteristic compensation pin.
Closed loop oscillation in current-controlled system (including motor, F/V
converter) is stopped.
VC
11
Speed/phase control pin.
Control starts at approximately 1/2 of VCC2.
Control is of current-controlled type that controls output current.
For Rf=1Ω, LB1620 closed loop has gm of 0.44A/V typ, which can be adjusted by
varying Rf.
GND
8
GND for other than output.
Minimun potential of output transistor is at Rf pin.
F/RC
12
Forward/reverse rotation control pin.
By setting this pin to "H" (more than 2V) / "L" (less than 0.3V), truth value is
changed to perform forward/reverse rotation.
Sample Application Circuit
Unit (resistance :
Ω, capacitance : F)
(Stabilization)
Power supply for Hall element
Forward/reverse select
Control signal input 2


Número de pieza similar - LB1620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nihon Kaiheiki Industry...
LB16 NKK-LB16 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
Taiyo Yuden (U.S.A.), I...
LB1608 TAIYO-YUDEN-LB1608 Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB1608T100M TAIYO-YUDEN-LB1608T100M Datasheet
651Kb / 14P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
More results

Descripción similar - LB1620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA6200AL ROHM-BA6200AL Datasheet
1Mb / 4P
   3-PHASE DD MOTOR DRIVER
logo
Sanyo Semicon Device
LB1684 SANYO-LB1684 Datasheet
94Kb / 4P
   3-Phase DD Motor Driver???
logo
Samsung semiconductor
KA8310 SAMSUNG-KA8310 Datasheet
126Kb / 7P
   2-PHASE DD MOTOR DRIVER
logo
Rohm
BA6411 ROHM-BA6411 Datasheet
472Kb / 6P
   2-Phase DD Motor Driver
logo
Samsung semiconductor
KA8304 SAMSUNG-KA8304 Datasheet
180Kb / 9P
   2-PHASE DD MOTOR DRIVER
logo
Rohm
BA6432S ROHM-BA6432S Datasheet
209Kb / 6P
   3-Phase DD Motor Drivers
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
BA6438S ROHM-BA6438S Datasheet
121Kb / 8P
   3-phase motor driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com