Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3030SN_0711 Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP3030SN_0711
Descripción  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP3030SN
Fig. 8 Typical Total Capacitance
10
100
1,000
0
5
10
15
20
25
30
-V , DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
V
= 0V
GS
T = 25°C
A
CRSS
COSS
CISS
Ordering Information (Note 6)
Part Number
Case
Packaging
DMP3030SN-7
SC-59
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
PS2
PS2 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
M
J
L
D
E
B C
H
K
G
TOP VIEW
N
SC-59
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
E
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
N
0.70
0.80
α
All Dimensions in mm
DMP3030SN
Document number: DS30787 Rev. 3 - 2
3 of 4
www.diodes.com
November 2007
© Diodes Incorporated




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl