Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP3098LSS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMP3098LSS-13
Descripción Electrónicos  SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098LSS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3098LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMP3098LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMP3098LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMP3098LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMP3098LSS-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMP3098LSS
0.01
0.1
1
04
8
12
16
20
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN CURRENT (A)
D
V
= -4.5V
GS
V
= -10V
GS
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
02
4
68
10
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
-I , DRAIN CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= -4.5V
I = -4.2A
GS
D
V
= -10V
I = -5.3A
GS
D
10
100
1,000
0
5
10
15
20
25
30
Fig. 6 Typical Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
C
oss
Crss
0.8
1.2
1.6
2.0
2.4
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
T , AMBIENT TEMPERATURE (°C)
A
-50
-25
0
25
50
75
100
125 150
I = -250µA
D
0
2
4
6
8
10
0.4
0.6
0.8
1
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
T = 25°C
A
DMP3098LSS
Document number: DS31265 Rev. 4 - 2
3 of 5
www.diodes.com
September 2008
© Diodes Incorporated


Número de pieza similar - DMP3098LSS-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Descripción similar - DMP3098LSS-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NDS8435A FAIRCHILD-NDS8435A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3056LSS DIODES-DMP3056LSS_17 Datasheet
600Kb / 6P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
FDS9435A FAIRCHILD-FDS9435A Datasheet
66Kb / 5P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8434A FAIRCHILD-NDS8434A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9435A FAIRCHILD-NDS9435A Datasheet
219Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMP3098LSS DIODES-DMP3098LSS_15 Datasheet
206Kb / 5P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Fairchild Semiconductor
NDS8433 FAIRCHILD-NDS8433 Datasheet
332Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS8435 FAIRCHILD-NDS8435 Datasheet
330Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
NDS9400A FAIRCHILD-NDS9400A Datasheet
329Kb / 10P
   Single P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMG4413LSS DIODES-DMG4413LSS Datasheet
90Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP3056LSS DIODES-DMP3056LSS Datasheet
176Kb / 4P
   SINGLE P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com