Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP3098LDM Datasheet(PDF) 3 Page - Diodes Incorporated

No. de pieza DMP3098LDM
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098LDM Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP3098LDM Datasheet HTML 1Page - Diodes Incorporated DMP3098LDM Datasheet HTML 2Page - Diodes Incorporated DMP3098LDM Datasheet HTML 3Page - Diodes Incorporated DMP3098LDM Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMP3098LDM
0.01
0.1
1
04
8
12
16
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
02
4
68
10
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
-I , DRAIN CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
20
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN CURRENT (A)
D
V
= -4.5V
GS
V
= -10V
GS
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= -4.5V
I = -4.2A
GS
D
V
= -10V
I = -5.3A
GS
D
10
100
1,000
0
5
10
15
20
25
30
Fig. 6 Typical Capacitance
-V , DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
Coss
Crss
0.8
1.2
1.6
2.0
2.4
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
T , AMBIENT TEMPERATURE (°C)
A
-50 -25
0
25
50
75
100
125 150
I = -250µA
D
0
2
4
6
8
10
0.4
0.6
0.8
1
1.2
-V , SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
T = 25°C
A
DMP3098LDM
Document number: DS31446 Rev. 3 - 2
3 of 4
www.diodes.com
October 2008
© Diodes Incorporated


Número de pieza similar - DMP3098LDM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMP3098L DIODES-DMP3098L Datasheet
105Kb / 5P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
ZP Semiconductor
DMP3098L ZPSEMI-DMP3098L Datasheet
214Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3098L-7 DIODES-DMP3098L-7 Datasheet
105Kb / 5P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
ZP Semiconductor
DMP3098L-7 ZPSEMI-DMP3098L-7 Datasheet
214Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP3098LDM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com