Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMP3098L Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMP3098L
Descripción Electrónicos  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3098L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3098L Datasheet HTML 1Page - Diodes Incorporated DMP3098L Datasheet HTML 2Page - Diodes Incorporated DMP3098L Datasheet HTML 3Page - Diodes Incorporated DMP3098L Datasheet HTML 4Page - Diodes Incorporated DMP3098L Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMP3098L
Document number: DS31447 Rev. 5 - 2
2 of 5
www.diodes.com
June 2010
© Diodes Incorporated
DMP3098L
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-30
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
-800
nA
VDS = -30V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-1.0
-1.8
-2.1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
56
98
70
120
m
Ω
VGS = -10V, ID = -3.8A
VGS = -4.5V, ID = -3.0A
Forward Transfer Admittance
|Yfs|
3.6
S
VDS = -5V, ID = -2.7A
Diode Forward Voltage (Note 5)
VSD
-1.26
V
VGS = 0V, IS = -2.7A
DYNAMIC CHARACTERISTICS (Note 6)
Input Capacitance
Ciss
336
1008
pF
VDS = -25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
70
210
pF
Reverse Transfer Capacitance
Crss
49
147
pF
Gate Resistance
RG
4.6
Ω
VGS = 0V VDS = 0V, f = 1MHz
SWITCHING CHARACTERISTICS (Note 6)
Total Gate Charge
Qg
4.0
8.0
nC
VDS = -15V, VGS = -4.5V,
ID = -3.8A
7.8
VDS = -15V, VGS = -10V,
ID = -3.8A
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
2.5
Turn-On Delay Time
td(on)
6.0
12.0
ns
VDS = -15V, VGS = -10V,
ID = -1A, RG = 6.0Ω
Rise Time
tr
5.0
10.0
Turn-Off Delay Time
td(off)
17.6
35.2
Fall Time
tf
9.5
19.0
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Guaranteed by design. Not subject to production testing.
Fig. 1 Typical Output Characteristics
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
4
8
12
16
20
0
123
4
5
V
= -2.5V
GS
V
= -4.5V
GS
V
= -10V
GS
V
= -1.5V
GS
V
= -3.0V
GS
Fig. 2 Typical Transfer Characteristics
-V
, GATE SOURCE VOLTAGE (V)
GS
0
4
8
12
16
20
12
3
4
5
6
V
= -5V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A


Número de pieza similar - DMP3098L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ZP Semiconductor
DMP3098L ZPSEMI-DMP3098L Datasheet
214Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098L-7 ZPSEMI-DMP3098L-7 Datasheet
214Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3098LDM DIODES-DMP3098LDM Datasheet
235Kb / 4P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LDM-7 DIODES-DMP3098LDM-7 Datasheet
235Kb / 4P
   P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMP3098L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com