Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


DMP3098L Datasheet(Hoja de datos) 3 Page - Diodes Incorporated

No. de Pieza. DMP3098L
Descripción  P-CHANNEL ENHANCEMENT MODE MOSFET
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo 

   
 3 page
background image
DMP3098L
Document number: DS31447 Rev. 5 - 2
3 of 5
www.diodes.com
June 2010
© Diodes Incorporated
DMP3098L
0.01
0.1
1
04
8
12
16
20
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
-I , DRAIN CURRENT (A)
D
V
= -4.5V
GS
V
= -10V
GS
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
02
4
68
10
Fig. 4 Typical On-Resistance
vs. Drain Current and Temperature
-I , DRAIN CURRENT (A)
D
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.6
0.8
1.0
1.2
1.4
1.6
Fig. 5 On-Resistance Variation with Temperature
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
V
= -4.5V
I = -4.2A
GS
D
V
= -10V
I = -5.3A
GS
D
10
100
1,000
0
5
10
15
20
25
30
Fig. 6 Typical Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
Ciss
C
oss
Crss
0.8
1.2
1.6
2.0
2.4
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
T , AMBIENT TEMPERATURE (°C)
A
-50
-25
0
25
50
75
100
125 150
I = -250µA
D
0
2
4
6
8
10
0.4
0.6
0.8
1
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
Fig. 8 Diode Forward Voltage vs. Current
T = 25°C
A




Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl