Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2540 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2540
Descripción Electrónicos  USB Charging Port Power Switch and Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2540 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2540 Datasheet HTML 2Page - Texas Instruments TPS2540 Datasheet HTML 3Page - Texas Instruments TPS2540 Datasheet HTML 4Page - Texas Instruments TPS2540 Datasheet HTML 5Page - Texas Instruments TPS2540 Datasheet HTML 6Page - Texas Instruments TPS2540 Datasheet HTML 7Page - Texas Instruments TPS2540 Datasheet HTML 8Page - Texas Instruments TPS2540 Datasheet HTML 9Page - Texas Instruments TPS2540 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TPS2540
TPS2541
SLVSAG2 – OCTOBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Conditions are -40
≤ TJ ≤ 125°C unless otherwise noted. VEN (if TPS2540) = VDSC (if TPS2541) = VIN = 5 V, RFAULT = 10 kΩ,
RILIM0 = 210 kΩ, RILIM1 = 20 kΩ, ILIM_SEL = 0 V, CTL1 = CTL2 = GND, CTL3 = VIN (TPS2540) or CTL3 = GND (TPS2541),
unless otherwise noted. Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND
unless otherwise noted.
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
DCP Shorted Mode Charger Interface
DP_IN/DM_IN shorting
RDPM_short
CTLx configured for DCP BC1.2 (draft)
125
200
Ω
resistance
Discharge resistance
RDCHG_PW
DM_IN and DP_IN to
CTLx configured for DCP BC1.2 (draft)
2
3.2
6
M
Ω
GND
Divider Mode Charger Interface
VDP_AM
DP_IN output voltage
1.9
2
2.1
V
VDM_AM
DM_IN output voltage
2.57
2.7
2.84
CTLx configured for divider mode
ZOUT_DP
DP_IN output impedance
8
10
12.5
k
Ω
ZOUT_DM
DM_IN output impedance
8
10
12.5
CDP Interface
Voltage source on
VDM_SRC
VDP_IN = 0.6 V, CTLx configured for CDP
0.5
0.6
0.7
DM_IN for CDP detect
V
DP_IN rising voltage
VDAT_REF
threshold to activate
0.25
0.4
VDM_SRC
VDAT_REF hysteresis
50
mV
IDM_IN = - 250 µA, CTLx configured for CDP
DP_IN rising voltage
VLGC_SRC
threshold to deactivate
0.8
1
V
VDM_SRC
VLGC_SRC hysteresis
100
mV
IDP_SINK
DP_IN sink current
0.4 V
≤VDP_IN ≤ 0.8 V, CTLx configured for CDP operation
50
150
µA
Timings
DM_IN voltage source
From VDP_IN = 0 -> 0.6 V to VDM_IN = VDM_SRC , CTLx
tVDMSRC_EN
1
10
enable time, CDP mode
configured for CDP
DM_IN voltage source
From VDP_IN = 0.6 V -> 0 V to VDM_IN = 0 V, CTLx configured
tVDMSRC_DIS
10
disable time, CDP mode
for CDP
ms
Time for OUT to be
reapplied after VOUT falls
Any transition to and from CDP, or to and from SDP. Also
tVBUS_REAPP
200
500
below 0.7 V during
during Auto-detect to shorted mode.
discharge
Timing Requirements
Session valid (IN high) to
tSLVD_CON_P
1
VDP_SRC in DCP mode
s
Low DP_IN period in
tDCPLOW
When VBUS is high
0.9
DCP mode
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2540 TPS2541


Número de pieza similar - TPS2540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540A TI-TPS2540A Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540ARTER TI-TPS2540ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540ARTET TI-TPS2540ARTET Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540RTER TI-TPS2540RTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Descripción similar - TPS2540

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Texas Instruments
TPS2541ARTER TI-TPS2541ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com