Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51461 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51461
Descripción Electrónicos  3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51461 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51461 Datasheet HTML 3Page - Texas Instruments TPS51461 Datasheet HTML 4Page - Texas Instruments TPS51461 Datasheet HTML 5Page - Texas Instruments TPS51461 Datasheet HTML 6Page - Texas Instruments TPS51461 Datasheet HTML 7Page - Texas Instruments TPS51461 Datasheet HTML 8Page - Texas Instruments TPS51461 Datasheet HTML 9Page - Texas Instruments TPS51461 Datasheet HTML 10Page - Texas Instruments TPS51461 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
19
7
PGND
SW
TPS51461
OC
ZC
XCON
12
BST
18
V5DRV
PWM
5
EN
16
PGOOD
Control Logic
UDG-10184
+
+
V
REFIN
+20%
+
+
13
VOUT
+
VIN
t
ON
One-
Shot
UV
OV
V
REFIN
–32%
4
SLEW
+
8 R
3
COMP
R
1
GND
2
VREF
On-Time
and LL
Selection
15 mA
6
MODE
V
REFIN
+8/16 %
V
REFIN
–8/16 %
+
+
Discharge
UVP
OVP
17
V5FILT
Bandgap
Sense
+
00
01
10
11
+
VS
CS
14
VID0
15
VID1
10 mA
SW
PGND
22
23
24
VIN
VIN
8
SW
9
SW
10
SW
11
SW
20
PGND
21
PGND
VCS
TPS51461
www.ti.com
SLUSAD9 – DECEMBER 2010
BLOCK DIAGRAM
Table 1. Intel SA VID
VID 0
VID 1
VCCSA
0
0
0.9 V
0
1
0.80V(1) MODE = Open
0
1
0.85V(1) MODE = 33 k
Ω
1
0
0.725 V
1
1
0.675 V
(1)
0.80V for 2011 SV processor and 0.85V for 2011 LV/ULV processor
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS51461


Número de pieza similar - TPS51461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51461 TI-TPS51461 Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51461RGET TI-TPS51461RGET Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
More results

Descripción similar - TPS51461

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS53317 TI1-TPS53317 Datasheet
835Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com