Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5939B Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza 1N5939B
Descripción Electrónicos  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5939B Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N5939B Datasheet HTML 1Page - Pan Jit International Inc. 1N5939B Datasheet HTML 2Page - Pan Jit International Inc. 1N5939B Datasheet HTML 3Page - Pan Jit International Inc. 1N5939B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-FEB.10.2009
1
1N5921B~1N5942B
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: JEDEC DO-41,Molded plastic over passivated junction.
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes positive end (cathode)
• Standard packing: 52mm tape
• Weight: 0.0118 ounce, 0.336 gram
SILICON ZENER DIODES
NOTES:
1.Mounted on 5.0mm2 (.013mm thick) land areas.
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
VOLTAGE
6.8 to 51 Volts
POWER
1.5 Watts
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
e
u
l
a
V
s
t
i
n
U
T
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
D
A
5
7
=
O
h
t
g
n
e
L
d
a
e
L
o
r
e
Z
t
a
e
r
u
s
a
e
M
,
C
5
7
e
v
o
b
a
e
t
a
r
e
D
O
)
1
E
T
O
N
(
C
PD
5
.
1
s
t
t
a
W
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ ,TSTG
0
5
1
+
o
t
5
5
-
O C


Número de pieza similar - 1N5939B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N5939B PANJIT-1N5939B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
SEMTECH ELECTRONICS LTD...
1N5939B SEMTECH_ELEC-1N5939B Datasheet
225Kb / 3P
   3 W SILICON ZENER DIODES
logo
Transys Electronics
1N5939B TRSYS-1N5939B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N5939B EIC-1N5939B Datasheet
105Kb / 4P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N5939B JGD-1N5939B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
More results

Descripción similar - 1N5939B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com