Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1838M Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LB1838M
Descripción Electrónicos  Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1838M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1838M Datasheet HTML 1Page - Sanyo Semicon Device LB1838M Datasheet HTML 2Page - Sanyo Semicon Device LB1838M Datasheet HTML 3Page - Sanyo Semicon Device LB1838M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics at Ta = 25°C, VCC =3 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply current 1
ICC0
ENA1,2=0V,VIN1=3Vor0V
0.1
10
µA
Supply current 2
ICC1
ENA1=3V,VIN1=3Vor0V
12
18
mA
Output saturation voltage
VOUT1
ENA =3V,VIN =3Vor0V,IOUT = 200 mA
0.2
0.28
V
VOUT2
ENA =3V,VIN =3Vor0V,IOUT = 400 mA
0.4
0.6
V
Input current 1
IIN
VCC =6V,VIN = 6 V
200
µA
Input current 2
IENA
VCC = 6 V, ENA = 6 V
200
µA
Output sustaining voltage
VO (sus)
IOUT = 400 mA
9
V
Spark killer diode reverse
current
Is (leak)
VCC1, VS = 7 V
30
µA
Spark killer diode forward
voltage
VSF
IOUT = 400 mA
1.7
V
Pin Assignment
Truth Table
IN 1, 2
ENA 1, 2
OUT 1, 3
OUT 2, 4
Mode
L
H
H
L
Forward
H
H
L
H
Reverse
L
L
OFF
OFF
Standby
H
L
OFF
OFF
Standby
Note: Both GND pins should be connected to ground.
LB1838M
No.3949-2/4


Número de pieza similar - LB1838M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M Datasheet
87Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M ONSEMI-LB1838M Datasheet
82Kb / 5P
   Bidirectional Motor Driver
June, 2013
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results

Descripción similar - LB1838M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
List of Unclassifed Man...
LB1633M ETC-LB1633M Datasheet
111Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
logo
Sanyo Semicon Device
LB1630M SANYO-LB1630M Datasheet
54Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1630 SANYO-LB1630 Datasheet
53Kb / 2P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1831M SANYO-LB1831M Datasheet
70Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1834M SANYO-LB1834M Datasheet
71Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1833M SANYO-LB1833M Datasheet
69Kb / 3P
   Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications?
LB1836M SANYO-LB1836M Datasheet
91Kb / 5P
   Low-saturation, Bidirectional Motor Driver for Low-voltage Applications
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com