Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD3200T Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza BD3200T
Descripción Electrónicos  THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD3200T Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BD3200T Datasheet HTML 1Page - Pan Jit International Inc. BD3200T Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-APR.28.2009
BD340T~BD3200T
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
.4 .5 .6
.8
1.0
.7
.9
1.1
50
0.1
10
1.0
TJ=25 C
f=1.0mHz
Visg=5mVp-p
O
40-45V
50-60V
80-100V
150-200V
1
10
100
60
80
30
45
75
15
0
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080 100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
LEAD TEMPERATURE, C
O
3.0
2.5
1.5
0
RESISTIVEORINDUCTIVELOAD
1.0
2.0
0
20
40
60
80
100
120
140
160
180
=40V
= 45-200V


Número de pieza similar - BD3200T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BD3200S PANJIT-BD3200S Datasheet
124Kb / 3P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD3200YS PANJIT-BD3200YS Datasheet
90Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD3200YT PANJIT-BD3200YT Datasheet
47Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - BD3200T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
BD340YT PANJIT-BD340YT Datasheet
47Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340S PANJIT-BD340S Datasheet
124Kb / 3P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340YS PANJIT-BD340YS Datasheet
90Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD840T PANJIT-BD840T Datasheet
47Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840YT PANJIT-BD840YT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840CT PANJIT-BD840CT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com