Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1966M Datasheet(PDF) 3 Page - Sanyo Semicon Device

No. de pieza LB1966M
Descripción Electrónicos  Fan Motor 2-Phase Half-Wave Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1966M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1966M Datasheet HTML 1Page - Sanyo Semicon Device LB1966M Datasheet HTML 2Page - Sanyo Semicon Device LB1966M Datasheet HTML 3Page - Sanyo Semicon Device LB1966M Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB1966M
No. 6215-3/4
Sample Application Circuit
5/12V power supply (3.8 to 17V)
Precautions
• Wiring layout for IN– and OUT1 must be designed to prevent interference. (If oscillation occurs for example when
output phase is switched, connect a capacitor with 0.1
µF or less between INand IN+ pins.)
• If CT pin is connected to GND, the lockup protection and restart functions are disabled.
• In a circuit configuration as shown above, a power supply/GND reverse connection will cause a current to flow as
follows: GND -> OUT -> coil -> power supply. The magnitude of this current is limited by the coil resistance. If it
is less than 500 mA, the IC will not be destroyed. If required, insert a diode between VCC and the coil.
VCC
H
IN+
IN–
CT
0.1
µF
GND
On-board parts
OUT1
OUT2
RD


Número de pieza similar - LB1966M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
69Kb / 4P
   For Fan Motor 2-phase Half-Wave Driver
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
   2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
   2-phase Half-Wave Driver
More results

Descripción similar - LB1966M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
   2-Phase Half-Wave Motor Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
   2-Phase Half-Wave Motor Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M_08 Datasheet
69Kb / 4P
   For Fan Motor 2-phase Half-Wave Driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
   2-Phase half-wave motor pre driver for fan motor
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com