Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LB1987D Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LB1987D
Descripción Electrónicos  Three-Phase Brushless Motor Driver for VCR Capstan Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1987D Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1987D Datasheet HTML 1Page - Sanyo Semicon Device LB1987D Datasheet HTML 2Page - Sanyo Semicon Device LB1987D Datasheet HTML 3Page - Sanyo Semicon Device LB1987D Datasheet HTML 4Page - Sanyo Semicon Device LB1987D Datasheet HTML 5Page - Sanyo Semicon Device LB1987D Datasheet HTML 6Page - Sanyo Semicon Device LB1987D Datasheet HTML 7Page - Sanyo Semicon Device LB1987D Datasheet HTML 8Page - Sanyo Semicon Device LB1987D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
No. 6109-2/17
LB1987, 1987D, 1987M, 1987H
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7V
VS max
24
V
Maximum output current
IO max
1.3
A
(LB1987)
0.77
W
Allowable power dissipation
Pd max
(LB1987D)
3.0
W
(LB1987M)
0.95
W
(LB1987H)
0.77
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VS
5 to 22
V
VCC
4.5 to 5.5
V
Hall input amplitude
VHALL
Between Hall inputs
±30 to ±80
mVo-p
GSENSE pin input range
VGSENSE
Relative to the control system ground
–0.20 to +0.20
V
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VCC current drain
ICC
RL =
∞, VCTL = 0 V (Quiescent)
12
18
mA
[Outputs]
Vosat1
IO = 500 mA, Rf = 0.5 Ω, Sink + Source,
2.1
2.6
V
Output saturation voltage
VCTL = VLIM = 5 V (With saturation prevention)
Vosat2
IO = 1.0 A, Rf = 0.5 Ω, Sink + Source,
2.6
3.5
V
VCTL = VLIM = 5 V (With saturation prevention)
Output leakage current
IOleak
1.0
mA
[FR]
FR pin input threshold voltage
VFSR
2.25
2.50
2.75
V
FR pin input bias current
Ib(FSR)
–5.0
µA
[Control]
CTLREF pin voltage
VCREF
2.37
2.50
2.63
V
CTLREF pin input range
VCREFIN
1.70
3.50
V
CTL pin input bias current
Ib(CTL)
VCTL = 5 V, CTLREF: open
8.0
µA
CTL pin control start voltage
VCTL(ST)
Rf = 0.5
Ω, VLIM = 5 V, IO ≥ 10 mA
2.20
2.35
2.50
V
With the Hall input logic states fixed at (U, V, W = H, H, L)
CTL pin control switching voltage
VCTL(ST2) Rf = 0.5 Ω, VLIM = 5 V
3.00
3.15
3.30
V
CTL pin control Gm1
Gm1(CTL)
Rf = 0.5
Ω, ∆IO = 200 mA
0.52
0.65
0.78
A/V
With the Hall input logic states fixed at (U, V, W = H, H, L)
CTL pin control Gm2
Gm2(CTL)
Rf = 0.5
Ω, ∆VCTL = 200 mV
1.20
1.50
1.80
A/V
With the Hall input logic states fixed at (U, V, W = H, H, L)
[Current Limiter]
LIM current limiter offset voltage
Voff(LIM)
Rf = 0.5
Ω, VCTL = 5 V, IO ≥ 10 mA
140
200
260
mV
With the Hall input logic states fixed at (U, V, W = H, H, L)
LIM pin input bias current
Ib(LIM)
VCTL = 5 V, VCREF: open, VLIM = 0 V
–2.5
µA
LIM pin current limit level
ILIM
Rf = 0.5
Ω, VCTL = 5 V, VLIM = 2.06 V
830
900
970
mA
With the Hall input logic states fixed at (U, V, W = H, H, L)
[Hall Amplifiers]
Input offset voltage
Voff(HALL)
–6
+6
mV
Input bias current
Ib(HALL)
1.0
3.0
µA
Common-mode input voltage
Vcm(HALL)
1.3
3.3
V
Torque ripple correction ratio
TRC
At the bottom and top of the Rf waveform
9%
when IO = 200 mA. (Rf = 0.5 Ω) (Note 1)
[FG Amplifier]
FG amplifier input offset voltage
Voff(FG)
–8
+8
mV
FG amplifier input bias current
Ib(FG)
–100
nA
FG amplifier output saturation voltage
Vosat(FG) At the sink side internal pull-up resistor.
0.5
V
FG amplifier common-mode input voltage
VCM(FG)
0.5
4.0
V
Electrical Characteristics at Ta = 25°C, VCC = 5 V, VS = 15 V
Continued on next page.


Número de pieza similar - LB1987D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
   3-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results

Descripción similar - LB1987D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com