Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SB3060PT Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SB3060PT
Descripción Electrónicos  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB3060PT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB3060PT Datasheet HTML 1Page - Pan Jit International Inc. SB3060PT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 30,2010-REV.02
SB3020PT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
30 Amperes
CURRENT
MECHANICAL DATA
• Case: TO-3P Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.2245 ounces, 6.3673 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B OL SB 30 20P T S B30 30P T SB 3040 PT SB 304 5PT S B 3050P T SB 3060 PT
UNITS
M a xi m um Re c ur r e nt P eak Re ve r s e Vo lt age
V
RRM
20
3 0
40
45
5 0
60
V
Ma xi mum RM S Vo lta g e
V
RM S
14
21
28
3 1 . 5
3 5
42
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
20
3 0
40
45
5 0
60
V
M a xi m um A ver age F o r war d C ur r ent at Tc = 7 5 OCI
F(A V )
30
A
P eak For war d S ur ge C ur r e nt :8 . 3 m s si ng le
ha lf si ne - wave s uper i m pos ed on r a t ed load
( J EDEC m e t ho d )
I
FS M
275
A
M a xi m um F o r wa r d Vo lt a ge a t 15A pe r le g
V
F
0.55
0.7
V
M a xi m um D C Re ve r s e C ur r ent at Ra t e d
DC Blo c k i ng Vo lt a g e
T
J =2 5
O C
T
J = 100
OC
I
R
0.2
50
mA
Typi c a l Ther m a l Re s i stanc e
R
JC
1.5
OC / W
O per ati ng J unc ti on Te m per atur e Ra ng e
T
J
- 55 t o + 1 2 5
- 55 t o + 1 5 0
OC
S t or age Te m per at ur e Ra ng e
T
STG
- 55 t o + 150
OC
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)


Número de pieza similar - SB3060PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
SB3060PT WTE-SB3060PT Datasheet
45Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3060PT PANJIT-SB3060PT Datasheet
184Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB3060PT PACELEADER-SB3060PT Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Descripción similar - SB3060PT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com