Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF3G Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza UF3G
Descripción Electrónicos  SURFACE MOUNT ULTRAFAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF3G Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF3G Datasheet HTML 1Page - Pan Jit International Inc. UF3G Datasheet HTML 2Page - Pan Jit International Inc. UF3G Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-MAR.05.2009
UF3A~UF3J
Fig.3 FORWARD CHARACTERISTICS
Fig.4 TYPICAL REVERSE CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.6 PEAK FORWARD SURGE CURRENT
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
LEAD TEMPERATURE, C
O
25
0
0.5
1.0
1.5
2.0
2.5
3.0
50
75
100
125
150
175
1000
200
100
80
120
140
100
60
40
50
10
20
5
1
0
RATING AND CHARACTERISTIC CURVES
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" LEAD LENGTHS
1
10
100
Tj= 25 C
f= 1.0MHz
Vsig = 50mVp -p
O
10
100
1000
600V
50-400V
10
1.0
0.1
.01
0.4
0.6
0.8
1.0
1.2
1.4
T= 25 C
A
O
1.6
1.8
400V
600V
50-200V
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
J
O
T= 100 C
J
O
T= 25 C
J
O


Número de pieza similar - UF3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF3G PANJIT-UF3G Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Yea Shin Technology Co....
UF3G YEASHIN-UF3G Datasheet
44Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 to 1000 Volts CURR ENT - 3.0 Amperes
logo
Surge Components
UF3G SURGE-UF3G Datasheet
86Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Shunye Enterprise
UF3G SHUNYE-UF3G Datasheet
1Mb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Transys Electronics
UF3G TRSYS-UF3G Datasheet
180Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Descripción similar - UF3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com