Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13892VK Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

No. de pieza MC13892VK
Descripción Electrónicos  Power Management and User Interface IC
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892VK Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13892VK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
13892
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Charger and USB Input Voltage(5)
VCHRGR
-0.3 to 20
V
MODE pin Voltage
VMODE
-0.3 to 9.0
V
Main/Aux/Keypad Current Sink Voltage
VLEDMD,
VLEDAD,
VLEDKP
-0.3 to 28
V
Battery Voltage
VBATT
-0.3 to 4.8
V
Coin Cell Voltage
VLICELL
-0.3 to 3.6
V
ESD Voltage(6)
Human Body Model - HBM with Mode pin excluded(9)
Charge Device Model - CDM
VESD
±1500
±250
V
THERMAL RATINGS
Ambient Operating Temperature Range
TA
-40 to +85
°C
Operating Junction Temperature Range
TJ
-40 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
THERMAL RESISTANCE
Peak Package Reflow Temperature During Reflow(7), (8)
TPPRT
Note 8
°C
Notes
5.
USB Input Voltage applies to UVBUS pin only
6.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 W) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0pF).
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
9.
Mode Pin is not ESD protected.
Table 4. Dissipation Ratings
Rating Parameter
Condition
Symbol
VK Package
VL Package
Unit
Junction to Ambient Natural Convection
Single layer board (1s)
RθJA
104
65
°C/W
Junction to Ambient Natural Convection
Four layer board (2s2p)
RθJMA
54
42
°C/W
Junction to Ambient (@200 ft/min)
Single layer board (1s)
RθJMA
88
55
°C/W
Junction to Ambient (@200 ft/min)
Four layer board (2s2p)
RθJMA
49
38
°C/W
Junction to Board
RθJB
32
28
°C/W
Junction to Case
RθJC
29
22
°C/W
Junction to Package Top
Natural Convection
θJT
7.0
5.0
°C/W


Número de pieza similar - MC13892VK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13892VK FREESCALE-MC13892VK Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892VK FREESCALE-MC13892VK Datasheet
5Mb / 158P
   Power Management Integrated
More results

Descripción similar - MC13892VK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com