Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF100GS Datasheet(PDF) 2 Page - Pan Jit International Inc.

No. de pieza UF100GS
Descripción Electrónicos  GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF100GS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF100GS Datasheet HTML 1Page - Pan Jit International Inc. UF100GS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.05.2009
UF100GS ~ UF106GS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.2 PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
AMBIENT TEMPERATURE, C
O
0
0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
150
1000
200
30
25
35
100
20
15
10
50
10
5
5
1
1
RATING AND CHARACTERISTIC CURVES
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" LEAD LENGTHS
0.1
1
10
100
1.0
10
100
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
Fig.4-TYPICAL REVERSE CHARACTERISTIC
Fig.3 FORWARD CHARACTERISTICS
FORWARD VOLTAGE, VOLTS
0.6
0.01
0.1
1.0
10
50-200V
600V
T=25 C
A
O
400V
0.8
1.0
1.2
1.4
1.6
1.8
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
J
O
T= 100 C
J
O
T= 25 C
J
O


Número de pieza similar - UF100GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF100GS TRSYS-UF100GS Datasheet
160Kb / 2P
   ASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS Datasheet
428Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100GS PANJIT-UF100GS_05 Datasheet
428Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
More results

Descripción similar - UF100GS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF100G PANJIT-UF100G_09 Datasheet
113Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_04 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100GS PANJIT-UF100GS_05 Datasheet
428Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_04 Datasheet
72Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF1010G-AU PANJIT-UF1010G-AU Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
EGL1A FS-EGL1A Datasheet
189Kb / 3P
   Surface Mount Glass Passivated Junction UltraFast Recovery Rectifier
logo
Pan Jit International I...
UF150G PANJIT-UF150G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF150G PANJIT-UF150G_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF200G PANJIT-UF200G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com