Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13892BJVK Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

No. de pieza MC13892BJVK
Descripción Electrónicos  Power Management and User Interface IC
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892BJVK Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC13892BJVK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892BJVK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
13892
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. MC13892 Device Variations Table
Device Variation(1)
Package
Temperature
Range (TA)
Errata Doc #
Pin Out
Supplemental Functionality
MC13892VK(3)
MC13892JVK(3)
139-PIN 7x7mm
BGA
-40 to +85 °C
MC13892ER
Figure 3
Standard Part
MC13892AJVK(2)
MC13892ER
Figure 3
Global Reset Function
MC13892BJVK(4)
Programmable Global Reset
Function
MC13892VL(3)
MC13892JVL(3)
186-PIN
12x12mm BGA
-40 to +85 °C
MC13892ER
Figure 4
Standard Part
MC13892AJVL(2)
MC13892ER
Figure 4
Global Reset Function
MC13892BJVL(4)
Programmable Global Reset
Function
Notes
1.
For Tape and Reel product, add “/R2” as a suffix to the device number.
2.
Recommended for all new designs
3.
Not recommended for new designs
4.
Backward compatable replacement part for MC13892VK, MC13892JVK, MC13892VL and MC13892JVL


Número de pieza similar - MC13892BJVK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13892BJVK FREESCALE-MC13892BJVK Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892BJVK FREESCALE-MC13892BJVK Datasheet
5Mb / 158P
   Power Management Integrated
More results

Descripción similar - MC13892BJVK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com