Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSOP4P38 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TSOP4P38
Descripción Electrónicos  IR Receiver Modules for Mid Range Proximity Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP4P38 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP4P38 Datasheet HTML 1Page - Vishay Siliconix TSOP4P38 Datasheet HTML 2Page - Vishay Siliconix TSOP4P38 Datasheet HTML 3Page - Vishay Siliconix TSOP4P38 Datasheet HTML 4Page - Vishay Siliconix TSOP4P38 Datasheet HTML 5Page - Vishay Siliconix TSOP4P38 Datasheet HTML 6Page - Vishay Siliconix TSOP4P38 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83305
www.vishay.com
Rev. 1.1, 23-Sep-10
403
TSOP4P..
IR Receiver Modules for Mid Range
Proximity Sensors
Vishay Semiconductors
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Sensitivity vs. Electric Field Disturbances
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
10
2
10
3
10
4
10
5
Ee - Irradiance (mW/m
2)
21392
λ = 950 nm,
Optical Test Signal, Fig. 3
T
on
T
off
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δ f(3 dB) = f
0/10
0
1
1.5
4.5
0.5
2
2.5
3
3.5
4
5
Ee - Ambient DC Irradiance (W/m
2)
0.01
0.1
1
10
100
21393_1
Wavelength of Ambient
Illumination:
λ = 950 nm
Correlation with Ambient Light Sources:
10 W/m
2 = 1.4 kLx (Std. illum. A, T = 2855 K)
10 W/m
2 = 8.2.kLx (Daylight, T = 5900 K)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
10
100
1000
ΔVs
RMS - AC Voltage on DC Supply Voltage (mV)
21394_1
f = f
0
f = 30 kHz
f = 20 kHz
f = 10 kHz
f = 100 Hz
0
50
100
150
200
250
300
350
400
450
500
0
500
1000
1500
2000
2500
3000
f - EMI Frequency (MHz)
20747


Número de pieza similar - TSOP4P38

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
   IR Receiver Module for Light Barrier Systems
Rev. 1.2, 28-Mar-12
TSOP41 VISHAY-TSOP41 Datasheet
268Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 2, 15-Oct-2002
TSOP41 VISHAY-TSOP41 Datasheet
219Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP41.. VISHAY-TSOP41.. Datasheet
219Kb / 8P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP4130 VISHAY-TSOP4130 Datasheet
183Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 29 Mar-01
More results

Descripción similar - TSOP4P38

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSSP4P38 VISHAY-TSSP4P38_V02 Datasheet
179Kb / 7P
   IR Mid Range Proximity Sensors
01-Jan-2023
TSSP4P38 VISHAY-TSSP4P38 Datasheet
115Kb / 6P
   IR Mid Range Proximity Sensors
Rev. 1.6, 01-Jun-15
TSSP4P38 VISHAY-TSSP4P38_V01 Datasheet
179Kb / 7P
   IR Mid Range Proximity Sensors
01-Jan-2022
TSSP6P38 VISHAY-TSSP6P38 Datasheet
627Kb / 26P
   IR Mid Range Proximity Sensor
Rev. 1.8, 14-Apr-16
TSSP6P38 VISHAY-TSSP6P38_V02 Datasheet
386Kb / 13P
   IR Mid Range Proximity Sensor
01-Jan-2023
TSSP58P38 VISHAY-TSSP58P38 Datasheet
125Kb / 6P
   IR Detector for Mid Range Proximity Sensor
Rev. 1.2, 31-Jan-13
TSSP77P38 VISHAY-TSSP77P38_V01 Datasheet
367Kb / 13P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2022
TSSP6P38 VISHAY-TSSP6P38_V01 Datasheet
386Kb / 13P
   IR Mid Range Proximity Sensor
01-Jan-2022
TSSP77P38 VISHAY-TSSP77P38_18 Datasheet
715Kb / 26P
   IR Detector for Mid Range Proximity Sensor
Rev. 2.1, 09-Oct-2018
TSSP58P38 VISHAY-TSSP58P38_V02 Datasheet
164Kb / 7P
   IR Detector for Mid Range Proximity Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com