Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC573904 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LC573904
Descripción Electrónicos  4-Bit Microcontroller with 4K-Byte ROM, 1204Bits RAM and LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC573904 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC573904 Datasheet HTML 1Page - Sanyo Semicon Device LC573904 Datasheet HTML 2Page - Sanyo Semicon Device LC573904 Datasheet HTML 3Page - Sanyo Semicon Device LC573904 Datasheet HTML 4Page - Sanyo Semicon Device LC573904 Datasheet HTML 5Page - Sanyo Semicon Device LC573904 Datasheet HTML 6Page - Sanyo Semicon Device LC573904 Datasheet HTML 7Page - Sanyo Semicon Device LC573904 Datasheet HTML 8Page - Sanyo Semicon Device LC573904 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LC573904
No.6725-2/18
(5) LCD driver
Drivable LCD panel
Number of drivable LCD segment output
1/2 bias 1/4 duty
128 segments
1/2 bias 1/3 duty
96 segments
1/2 bias 1/2 duty
64 segments
STATIC
32 segments
(Possible to use output port by mask option.)
- Built-in Step-up / Step-down circuit
(6) Melody/Buzzer
- Melody function
Octave
: 3 octaves
Time of musical note
: specified by program
- Buzzer output
(7) Base timer
- 15-bit base timer for timekeeping
(8) HALT release
- Five vectors
1. 15-bit base timer (500ms overflow output)
2. 15-bit base timer (output every 32ms)
3. S-port
4. P1-port
5. 1/10 second pulse
(9) Stand-by mode
- HALT mode
The program operation will be stopped in this mode. This mode is released by system reset and 5 vectors for HALT
release above-mentioned.
(10) System reset
- RES terminal
- Reset by setting S1 to S4 terminals to “H” level simultaneously.
(11) Oscillation
- Two oscillation circuits
- 32.768kHz crystal oscillation / RC oscillation
(12) Power supply
- Ag-battery
: VDD1-VSS=1.20V to 1.65V, Step-up voltage (VDD2-VSS=2.4V to 3.3V)
- Li-battery
: VDD2-VSS=2.50V to 3.60V, Step-down voltage (VDD1-VSS=1.25V to 1.8V)
- External voltage supply : VDD2-VSS=2.00V to 6.00V, Step-down voltage (VDD1-VSS=1.3V to 3.0V)
(13) Shipping form
- Bare chip, QFP64
(14) The development tool
- Evaluation chip
: LC5797
- Emulator
: EVA520 + TB5739 + DCB-1A


Número de pieza similar - LC573904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC5739 SANYO-LC5739 Datasheet
622Kb / 18P
   4-Bit Microcontroller with LCD Driver
More results

Descripción similar - LC573904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
   4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
OKI electronic componet...
MSM65X227 OKI-MSM65X227 Datasheet
142Kb / 18P
   8-Bit Microcontroller (with 4K-Byte EEPROM)
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com