Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC1113D125 Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza ADC1113D125
Descripción Electrónicos  Dual 11-bit ADC; serial JESD204A interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1113D125 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC1113D125_11 Datasheet HTML 5Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 6Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 7Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 8Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 9Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 10Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 11Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 12Page - NXP Semiconductors ADC1113D125_11 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
ADC1113D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 10 February 2011
9 of 41
NXP Semiconductors
ADC1113D125
Dual 11-bit ADC; serial JESD204A interface
10. Dynamic characteristics
10.1 Dynamic characteristics
[1]
Typical values measured at VDDA =3V, VDDD = 1.8 V, Tamb =25 °C. Minimum and maximum values are across the full temperature
range Tamb = −40 °C to +85 °C at VDDA =3 V, VDDD = 1.8 V; VI (INAP, INBP) − VI (INAM, INBM) = −1 dBFS; internal reference mode;
100
Ω differential applied to serial outputs; unless otherwise specified.
Table 6.
Dynamic characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Analog signal processing
α
2H
second harmonic level
fi =3MHz
-
88
-
dBc
fi =30MHz
-
87
-
dBc
fi =70MHz
-
85
-
dBc
fi = 170 MHz
-
83
-
dBc
α
3H
third harmonic level
fi =3MHz
-
87
-
dBc
fi =30MHz
-
86
-
dBc
fi =70MHz
-
84
-
dBc
fi = 170 MHz
-
82
-
dBc
THD
total harmonic distortion
fi =3MHz
-
84
-
dBc
fi =30MHz
-
83
-
dBc
fi =70MHz
-
81
-
dBc
fi = 170 MHz
-
79
-
dBc
ENOB
effective number of bits
fi = 3 MHz
-
10.7
-
bits
fi = 30 MHz
-
10.7
-
bits
fi = 70 MHz
-
10.7
-
bits
fi = 170 MHz
-
10.6
-
bits
SNR
signal-to-noise ratio
fi = 3 MHz
-
66.2
-
dBFS
fi = 30 MHz
-
66.2
-
dBFS
fi = 70 MHz
-
66.0
-
dBFS
fi = 170 MHz
-
65.8
-
dBFS
SFDR
spurious-free dynamic range
fi =3MHz
-
87
-
dBc
fi =30MHz
-
86
-
dBc
fi =70MHz
-
84
-
dBc
fi = 170 MHz
-
82
-
dBc
IMD
intermodulation distortion
fi =3MHz
-
89
-
dBc
fi =30MHz
-
88
-
dBc
fi =70MHz
-
86
-
dBc
fi = 170 MHz
-
84
-
dBc
α
ct(ch)
channel crosstalk
fi = 70 MHz
-
100
-
dBc


Número de pieza similar - ADC1113D125_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ADC1113D125HN-C1 IDT-ADC1113D125HN-C1 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125HN/C1 NXP-ADC1113D125HN/C1 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
More results

Descripción similar - ADC1113D125_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113S125 IDT-ADC1113S125 Datasheet
698Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Renesas Technology Corp
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
   Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com