Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LC662104A Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de Pieza. LC662104A
Descripción  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo 

LC662104A Datasheet(HTML) 1 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ordering number : EN5996
101698RM (OT) No. 5966-1/13
Overview
The LC662104A, LC662106A, and LC662108A are 4-bit
CMOS microcontrollers that integrate on a single chip all
the functions required in a special-purpose telephone
controller, including ROM, RAM, I/O ports, a serial
interface, a DTMF generator, timers, and interrupt
functions. These microcontrollers are available in a 30-pin
package.
Features and Functions
• On-chip ROM capacities of 4, 6, and 8 kilobytes, and an
on-chip RAM capacity of 384
× 4 bits.
• Fully supports the LC66000 Series common instruction
set (128 instructions). (The special-purpose instructions
for TM1 and SI/01 are disabled.)
• I/O ports: 24 pins
• DTMF generator
This microcontroller incorporates a circuit that can
generate two sine wave outputs, DTMF output.
• 8-bit serial interface: one circuit
• Instruction cycle time: 0.95 to 10 µs (at 3.0 to 5.5 V)
• Powerful timer functions and prescalers
— Time limit timer, event counter, pulse width
measurement, and square wave output using a 12-bit
timer.
— Time base function using a 12-bit prescaler.
• Powerful interrupt system with 6 interrupt factors and 6
interrupt vector locations.
— External interrupts: 3 factors/3 vector locations
— Internal interrupts: 3 factors/3 vector locations
• Flexible I/O functions
Selectable options include 20-mA drive outputs, pull-up
and open drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIP30SD, MFP30S
• Evaluation ICs: LC665099 (evaluation chip) + EVA86K
- ECB662500
LC66E2108(on-chip EPROM microcontroller)
LC662104A, 662106A, 662108A
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Four-Bit Single-Chip Microcontrollers
with 4, 6, and 8 KB of On-Chip ROM
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn