Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LC662104A Datasheet(PDF) 10 Page - Sanyo Semicon Device

No. de Pieza. LC662104A
Descripción  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo 

LC662104A Datasheet(HTML) 10 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
No. 5996-10/13
LC662104A, 662106A, 662108A
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V, VDD = 3.0 to 5.5 V, unless otherwise specified.
Note: 1. Applies to pins with open-drain specifications. However, VIH2 is applied to the P33/HOLD pin.
When ports P2 and P3 have CMOS output specifications they cannot be used as input pins.
2. Applies to pins with open-drain specifications.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Note
Operating supply voltage
VDD
VDD
3.0
5.5
V
Memory retention supply voltage
VDDH
VDD: During hold mode
1.8
5.5
V
VIH1
P2, P3 (except for the P33/HOLD pin),
0.8 VDD
13.5
V
1
P4, P51, and P53: N-channel output transistor off
Input high-level voltage
VIH2
P33/HOLD, RES, OSC1:
0.8 VDD
VDD
V
N-channel output transistor off
VIH3
P0, P1, P50, P52:
0.8 VDD
VDD
V
N-channel output transistor off
VIL1
P2, P3 (except for the P33/HOLD pin),
VSS
0.2 VDD
V
2
RES, and OSC1: N-channel output transistor off
Input low-level voltage
VIL2
P33/HOLD: VDD = 1.8 to 5.5 V
VSS
0.2 VDD
V
VIL3
P0, P1, P4, P5, TEST:
VSS
0.2 VDD
V
N-channel output transistor off
Operating frequency
fop
0.4
4.20
MHz
(instruction cycle time)
(Tcyc)
(10)
(0.95)
(µs)
[External clock input conditions]
Frequency
fext
0.4
4.20
MHz
OSC1: Defined by Figure 1. Input the clock
Pulse width
textH, textL
signal to OSC1 and leave OSC2 open.
100
ns
(External clock input must be selected as the
oscillator circuit option.)
Rise and fall times
textR, textF
30
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn