Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LC662104A Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de Pieza. LC662104A
Descripción  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo 

LC662104A Datasheet(HTML) 2 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
No. 5996-2/13
LC662104A, 662106A, 662108A
Package Dimensions
unit: mm
3196-DIP30SD
unit: mm
3216-MFP30S
SANYO: DIP30SD
[LC662104A]
SANYO: MFP30S
[LC662106A]
Type No.
No. of
ROM capacity
RAM
Package
Features
pins
capacity
LC66304A/306A/308A
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
LC66404A/406A/408A
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
LC66506B/508B/512B/516B
64
6 K/8 K/12 K/16 KB
512 W
DIP64S
QFP64A
LC66354A/356A/358A
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
LC66354S/356S/358S
42
4 K/6 K/8 KB
512 W
QFP44M
LC66556A/558A/562A/566A
64
6 K/8 K/12 K/16 KB
512 W
DIP64S
QFP64E
LC66354B/356B/358B
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
Low-voltage high-speed versions
LC66556B/558B/562B/566B
64
6 K/8 K/12 K/16 KB
512 W
DIP64S
QFP64E
3.0 to 5.5 V/0.92 µs
LC66354C/356C/358C
42
4 K/6 K/8 KB
512 W
DIP42S
QFP48E
2.5 to 5.5 V/0.92 µs
LC662104A/06A/08A
30
4 K/6 K/8 KB
384 W
DIP30SD
MFP30S
LC662304A/06A/08A/12A/16A
42
4 K/6 K/8 K/12 K/16 KB 512 W
DIP42S
QFP48E
LC662508A/12A/16A
64
8 K/12 K/16 KB
512 W
DIP64S
QFP64E
LC665304A/06A/08A/12A/16A
48
4 K/6 K/8 K/12 K/16 KB 512 W
DIP48S
QFP48E
Dual oscillator support
3.0 to 5.5 V/0.95 µs
LC66E308
42
EPROM 8 KB
512 W
DIC42S
QFC48
with window
with window
LC66P308
42
OTPROM 8 KB
512 W
DIP42S
QFP48E
LC66E408
42
EPROM 8 KB
512 W
DIC42S
QFC48
with window
with window
LC66P408
42
OTPROM 8 KB
512 W
DIP42S
QFP48E
LC66E516
64
EPROM 16 KB
512 W
DIC64S
QFC64
with window
with window
LC66P516
64
OTPROM 16 KB
512 W
DIP64S
QFP64E
LC66E2108
30
EPROM 8 KB
384 W
LC66E2316
42
EPROM 16 KB
512 W
DIC42S
QFC48
with window
with window
LC66E2516
64
EPROM 16 KB
512 W
DIC64S
QFC64
with window
with window
LC66E5316
52/48
EPROM 16 KB
512 W
DIC52S
QFC48
with window
with window
LC66P2108
30
OTPROM 8 KB
384 W
DIP30SD
MFP30S
LC66P2316
42
OTPROM 16 KB
512 W
DIP42S
QFP48E
LC66P2516
64
OTPROM 16 KB
512 W
DIP64S
QFP64E
LC66P5316
48
OTPROM 16 KB
512 W
DIP48S
QFP48E
OTP
4.0 to 5.5 V/0.95 µs
Window evaluation versions
4.5 to 5.5 V/0.95 µs
Window and OTP evaluation versions
4.5 to 5.5 V/0.92 µs
On-chip DTMF generator versions
3.0 to 5.5 V/0.95 µs
Low-voltage versions
2.2 to 5.5 V/3.92 µs
Normal versions
4.0 to 6.0 V/0.92 µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn