Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LC662508A Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de Pieza. LC662508A
Descripción  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo 

LC662508A Datasheet(HTML) 4 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
System Block Diagram
No. 5997-4/17
LC662508A, 662512A, 662516A
Item
LC6650XB Series
LC6655XB Series
LC6625XX Series
(Including the LC66599 evaluation chip)
System differences
65536 cycles
16384 cycles
16384 cycles
• Hardware wait time (number of
About 64 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
cycles) when hold mode is cleared
• Value of timer 0 after a reset
(Including the value after hold mode
Set to FF0.
Set to FFC.
Set to FFC.
is cleared)
• DTMF generator
None (Tools are handled with
None
Yes
external devices.)
• Inverter array
None (Tools are handled with
None
Yes
external devices.)
• Three-value inputs/comparator
Yes
Yes
None
inputs
• Three-state output from P31
None
None
Yes
and P32
• Using P0 to clear halt mode
In 4-bit groups
In 4-bit groups
Can be specified for each bit.
For INT3, INT4, and INT5.
INT3, INT4, and INT5 can be used
• External extended interrupts
(Tools are handled with external
For INT3, INT4, and INT5.
with the internal functions.
devices.)
Shared with P90 (INT2)
• INT2 functions
(Tools are handled with external
Shared with P90 (INT2)
Shared with P53 (INT2)
devices.)
Differences in main characteristics
• LC66506B/08B/12B/16B
• 3.0 to 5.5 V/0.92 to 10 µs
• Operating power-supply voltage
4.0 to 6.0 V/0.92 to 10 µs
• LC6655XA, 56XA
3.0 to 5.5 V/0.95 to 10 µs
and operating speed (cycle time)
• LC66E516/P516
2.2 to 5.5 V/3.92 to 10 µs
4.5 to 5.5 V/0.92 to 10 µs
3.0 to 5.5 V/1.96 to 10 µs
• Pull-up resistors
P0, P1, P4, and P5: about 3 to 10 k
P0, P1, P4, and P5: about 3 to 10 k
P0, P1, P4, and P5: about 100 k
• P2, P3, P6, P7, and PA:
• P2, P3, P6, P7, and PA:
P2, P3, P61, P63, and PA:
• Port voltage handling
15V handling
15V handling
15V voltage handling
• Others: Normal voltage
• Others: Normal voltage
Others: normal voltage
Differences between the LC665XX Series and the LC6625XX Series
• When DT, ML, and DP are used, only the SIO channel can be used for serial I/O.
• The INT3, INT4, and INT5 pins can be used with internal functions.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn