Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIC2169A Datasheet(PDF) 8 Page - Micrel Semiconductor

No. de pieza MIC2169A
Descripción Electrónicos  500kHz PWM Synchronous Buck Control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2169A Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2169A_09 Datasheet HTML 4Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 5Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 6Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 7Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 8Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 9Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 10Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 11Page - Micrel Semiconductor MIC2169A_09 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC2169A
Micrel
M9999-040609
8
April 2009
low-sideswitches.ForapplicationswhereV
IN < 5V, the internal
VDD regulator operates in dropout mode, and it is necessary
that the power MOSFETs used are sub-logic level and are in
full conduction mode for VGS of 2.5V. For applications when
V
IN > 5V; logic-level MOSFETs, whose operation is specified
at VGS = 4.5V must be used.
It is important to note the on-resistance of a MOSFET
increases with increasing temperature. A 75°C rise in junc-
tion temperature will increase the channel resistance of the
MOSFET by 50% to 75% of the resistance specified at 25°C.
This change in resistance must be accounted for when cal-
culating MOSFET power dissipation and in calculating the
value of current-sense (CS) resistor. Total gate charge is the
charge required to turn the MOSFET on and off under speci-
fied operating conditions (VDS and VGS). The gate charge
is supplied by the MIC2169A gate-drive circuit. At 500kHz
switching frequency and above, the gate charge can be a
significant source of power dissipation in the MIC2169A. At
low output load, this power dissipation is noticeable as a
reduction in efficiency. The average current required to drive
the high-side MOSFET is:
I
Q
f
G[high-side](avg)
GS

where:
IG[high-side](avg) = average high-side MOSFET gate
current.
QG = total gate charge for the high-side MOSFET taken from
manufacturer’s data sheet for VGS = 5V.
The low-side MOSFETis turned on and off at VDS=0because
the freewheeling diode is conducting during this time. The
switching loss for the low-side MOSFET is usually negligible.
Also, the gate-drive current for the low-side MOSFET is
more accurately calculated using CISS at VDS = 0 instead
of gate charge.
For the low-side MOSFET:
I
C
Vf
G[low-side](avg)
ISS
GS
S

Sincethecurrentfromthegatedrivecomesfromtheinputvolt-
age,thepowerdissipatedintheMIC2169Aduetogatedriveis:
P
V I
I
GATEDRIVE
IN G[high-side](avg)
G[low-side](avg)
A convenient figure of merit for switching MOSFETs is the on
resistance times the total gate charge RDS(ON)×QG. Lower
numbers translate into higher efficiency. Low gate-charge
logic-level MOSFETs are a good choice for use with the
MIC2169A.
Parameters that are important to MOSFET switch selection
are:
• Voltage rating
• On-resistance
• Total gate charge
The voltage ratings for the top and bottom MOSFET are
essentially equal to the input voltage. A safety factor of 20%
should be added to the VDS(max)oftheMOSFETstoaccount
for voltage spikes due to circuit parasitics.
The power dissipated in the switching transistor is the sum
of the conduction losses during the on-time (PCONDUCTION)
and the switching losses that occur during the period of time
when the MOSFETs turn on and off (P
AC).
PP
P
SW
CONDUCTION
AC
where:
P
I
R
CONDUCTION
SW(rms)
SW
2

PP
P
AC
AC(off)
AC(on)

RSW = on-resistance of the MOSFET switch
D duty cycle V
V
O
IN


Makingtheassumptiontheturn-onandturn-offtransitiontimes
are equal; the transition times can be approximated by:
t
CV
CV
I
T
ISS
GS
OSS
IN
G

where:
CISS and COSS are measured at VDS = 0
IG = gate-drive current (1A for the MIC2169A)
The total high-side MOSFET switching loss is:
P(VV )I
tf
AC
IN
DPKT
S


where:
t
T = switching transition time (typically 20ns to 50ns)
VD = freewheeling diode drop, typically 0.5V
fS it the switching frequency, nominally 500kHz
The low-side MOSFET switching losses are negligible and
can be ignored for these calculations.
Inductor Selection
Values for inductance, peak, and RMS currents are required
to select the output inductor. The input and output voltages
and the inductance value determine the peak-to-peak induc-
tor ripple current. Generally, higher inductance values are
used with higher input voltages. Larger peak-to-peak ripple
currents will increase the power dissipation in the inductor
and MOSFETs. Larger output ripple currents will also require
more output capacitance to smooth out the larger ripple cur-
rent. Smaller peak-to-peak ripple currents require a larger
inductance value and therefore a larger and more expensive
inductor. A good compromise between size, loss and cost is
to set the inductor ripple current to be equal to 20% of the
maximum output current. The inductance value is calculated
by the equation below.
L
V
(V max V
)
V max f
0.2 I
max
OUT
IN
OUT
IN
S
OUT
 
where:
fS = switching frequency, 500kHz
0.2 = ratio of AC ripple current to DC output current
V
IN(max) = maximum input voltage
The peak-to-peak inductor current (AC ripple current) is:


Número de pieza similar - MIC2169A_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC2169A-YMM MICREL-MIC2169A-YMM Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169ABMM MICREL-MIC2169ABMM Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169AYMM MICREL-MIC2169AYMM Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
More results

Descripción similar - MIC2169A_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
   500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
   500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
   500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
   1MHz PWM Synchronous Buck-Control IC
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168_05 Datasheet
1Mb / 14P
   1MHz PWM Synchronous Buck Control IC
MIC2168 MICREL-MIC2168 Datasheet
159Kb / 14P
   1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
   Low Voltage Synchronous Buck PWM Control IC
MIC2169 MICREL-MIC2169 Datasheet
160Kb / 14P
   500 KHZ PWM SYNCHRONOUS BUCK CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com