Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC665304A Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC665304A
Descripción Electrónicos  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC665304A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC665304A Datasheet HTML 2Page - Sanyo Semicon Device LC665304A Datasheet HTML 3Page - Sanyo Semicon Device LC665304A Datasheet HTML 4Page - Sanyo Semicon Device LC665304A Datasheet HTML 5Page - Sanyo Semicon Device LC665304A Datasheet HTML 6Page - Sanyo Semicon Device LC665304A Datasheet HTML 7Page - Sanyo Semicon Device LC665304A Datasheet HTML 8Page - Sanyo Semicon Device LC665304A Datasheet HTML 9Page - Sanyo Semicon Device LC665304A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
No. 5996-6/13
LC662104A, 662106A, 662108A
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
Pin
I/O
Overview
Output driver type
Options
State after a
reset
P50
P51/DP
P52/DT
P53/INT2
OSC1
OSC2
RES
TEST
VDD
VSS
I/O ports P50 to P53
• Input or output in 4-bit or 1-bit units
• P51 is also used for dial pulse output
• P52 is also used for DTMF output
• P53 is also used as the INT2 interrupt
request.
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
When the P33/HOLD pin is at the high
level, a low level input to the RES pin will
initialize the CPU.
CPU test pin
This pin must be connected to VSS
during normal operation.
Power supply pins
I/O
I
O
I
I
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Nch: +15-V handling when
OD option selected (P51 and
P53 only)
• Pull-up MOS or Nch
OD output
• Output level on reset
• Output level after a
reset
(An external pull-up
resistor must be
supplied when used
for DT output.)
Ceramic oscillator or
external clock selection
High or low (option)
Option selection


Número de pieza similar - LC665304A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Descripción similar - LC665304A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com