Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC66556B Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
LC66556B Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 17 page Package Dimensions unit: mm 3071-DIP64S unit: mm 3159-QFP64E No. 5997-2/17 LC662508A, 662512A, 662516A SANYO: DIP64S [LC662508A,12A,16A] SANYO: QFP64E [LC662508A,12A,16A] Series Organization Type No. No. of ROM capacity RAM Package Features pins capacity LC66304A/306A/308A 42 4 K/6 K/8 KB 512 W DIP42S QFP48E LC66404A/406A/408A 42 4 K/6 K/8 KB 512 W DIP42S QFP48E LC66506B/508B/512B/516B 64 6 K/8 K/12 K/16 KB 512 W DIP64S QFP64A LC66354A/356A/358A 42 4 K/6 K/8 KB 512 W DIP42S QFP48E LC66354S/356S/358S 42 4 K/6 K/8 KB 512 W QFP44M LC66556A/558A/562A/566A 64 6 K/8 K/12 K/16 KB 512 W DIP64S QFP64E LC66354B/356B/358B 42 4 K/6 K/8 KB 512 W DIP42S QFP48E Low-voltage high-speed versions LC66556B/558B/562B/566B 64 6 K/8 K/12 K/16 KB 512 W DIP64S QFP64E 3.0 to 5.5 V/0.92 µs LC66354C/356C/358C 42 4 K/6 K/8 KB 512 W DIP42S QFP48E 2.5 to 5.5 V/0.92 µs LC662104A/06A/08A 30 4 K/6 K/8 KB 384 W DIP30SD MFP30S LC662304A/06A/08A/12A/16A 42 4 K/6 K/8 K/12 K/16 KB 512 W DIP42S QFP48E LC662508A/12A/16A 64 8 K/12 K/16 KB 512 W DIP64S QFP64E LC665304A/06A/08A/12A/16A 48 4 K/6 K/8 K/12 K/16 KB 512 W DIP48S QFP48E Dual oscillator support 3.0 to 5.5 V/0.95 µs LC66E308 42 EPROM 8 KB 512 W DIC42S QFC48 with window with window LC66P308 42 OTPROM 8 KB 512 W DIP42S QFP48E LC66E408 42 EPROM 8 KB 512 W DIC42S QFC48 with window with window LC66P408 42 OTPROM 8 KB 512 W DIP42S QFP48E LC66E516 64 EPROM 16 KB 512 W DIC64S QFC64 with window with window LC66P516 64 OTPROM 16 KB 512 W DIP64S QFP64E LC66E2108 30 EPROM 8 KB 384 W LC66E2316 42 EPROM 16 KB 512 W DIC42S QFC48 with window with window LC66E2516 64 EPROM 16 KB 512 W DIC64S QFC64 with window with window LC66E5316 52/48 EPROM 16 KB 512 W DIC52S QFC48 with window with window LC66P2108 30 OTPROM 8 KB 384 W DIP30SD MFP30S LC66P2316 42 OTPROM 16 KB 512 W DIP42S QFP48E LC66P2516 64 OTPROM 16 KB 512 W DIP64S QFP64E LC66P5316 48 OTPROM 16 KB 512 W DIP48S QFP48E OTP 4.0 to 5.5 V/0.95 µs Window evaluation versions 4.5 to 5.5 V/0.92 µs Window and OTP evaluation versions 4.5 to 5.5 V/0.92 µs On-chip DTMF generator versions 3.0 to 5.5 V/0.95 µs Low-voltage versions 2.2 to 5.5 V/3.92 µs Normal versions 4.0 to 6.0 V/0.92 µs |
Número de pieza similar - LC66556B |
|
Descripción similar - LC66556B |