Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADXRS649 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADXRS649
Descripción Electrónicos  Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADXRS649 Datasheet(HTML) 5 Page - Analog Devices

  ADXRS649 Datasheet HTML 1Page - Analog Devices ADXRS649 Datasheet HTML 2Page - Analog Devices ADXRS649 Datasheet HTML 3Page - Analog Devices ADXRS649 Datasheet HTML 4Page - Analog Devices ADXRS649 Datasheet HTML 5Page - Analog Devices ADXRS649 Datasheet HTML 6Page - Analog Devices ADXRS649 Datasheet HTML 7Page - Analog Devices ADXRS649 Datasheet HTML 8Page - Analog Devices ADXRS649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADXRS649
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PGND
ST1
ST2
TEMP
AGND
VRATIO
NC
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
SUMJ
RATEOUT
AVCC
CP2
CP1
CP4
CP3
CP5
VDD
GF
E
D
C
B
A
7
6
5
4
3
2
1
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
D6, D7
CP5
High Voltage Filter Capacitor, 2.2 nF.
A6, B7
CP4
Charge Pump Capacitor, 22 nF.
C6, C7
CP3
Charge Pump Capacitor, 22 nF.
A5, B5
CP1
Charge Pump Capacitor, 22 nF.
A4, B4
CP2
Charge Pump Capacitor, 22 nF.
A3, B3
AVCC
Positive Analog Supply.
B1, A2
RATEOUT
Rate Signal Output.
C1, C2
SUMJ
Output Amplifier Summing Junction.
D1, D2
NC
Do not connect to these pins.
E1, E2
VRATIO
Reference Supply for Ratiometric Output.
F1, G2
AGND
Analog Supply Return.
F3, G3
TEMP
Temperature Voltage Output.
F4, G4
ST2
Self-Test for Sensor 2.
F5, G5
ST1
Self-Test for Sensor 1.
G6, F7
PGND
Charge Pump Supply Return.
E6, E7
VDD
Positive Charge Pump Supply.


Número de pieza similar - ADXRS649

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS649BBGZ-RL AD-ADXRS649BBGZ-RL Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
More results

Descripción similar - ADXRS649

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com