Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72147V Datasheet(PDF) 6 Page - Sanyo Semicon Device

No. de pieza LC72147V
Descripción Electrónicos  PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72147V Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72147V Datasheet HTML 2Page - Sanyo Semicon Device LC72147V Datasheet HTML 3Page - Sanyo Semicon Device LC72147V Datasheet HTML 4Page - Sanyo Semicon Device LC72147V Datasheet HTML 5Page - Sanyo Semicon Device LC72147V Datasheet HTML 6Page - Sanyo Semicon Device LC72147V Datasheet HTML 7Page - Sanyo Semicon Device LC72147V Datasheet HTML 8Page - Sanyo Semicon Device LC72147V Datasheet HTML 9Page - Sanyo Semicon Device LC72147V Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
No. 6675-6/22
LC72147V
Continued from preceding page.
Pin No.
Symbol
Usage
Function
Pin circuit
• General-purpose I/O ports.
• The outputs are complementary output circuits.
• After the power-on reset, these ports function as input ports.
• The input/output state of these ports can be set using the I/O-4 and
I/O-5 bits in the serial data sent from the controller.
11
13
I/O-4
I/O-5
General-purpose I/O ports
• A/D converter input
The A/D converter is a 6-bit successive-approximation circuit.
See the item on the structure of the A/D converter for details.
18
19
ADC0
ADC1
A/D converter input
• PLL charge pump output
When the frequency created by dividing the local oscillator signal
frequency by N is higher than the reference frequency, a high level is
output from the PD pin. When lower, a low level is output. The PD pin
goes to the high-impedance state when the frequencies match.
7
PD
Charge pump output
• HCTR is selected by setting CTS in the control data to 1.
Input frequency: 0.4 to 25 MHz
The signal is input to a divide-by-2 circuit and the result is input to a
general-purpose counter. This counter can also be used as an
integrating counter.
The counter value is output as the result of the count, MSB first, from
the DO pin.
See the item describing the structure of the general-purpose counter
for details.
15
HCTR
General-purpose counter
• Output buffer for the crystal oscillator circuit
• When XB in the serial data is set to 1, the output buffer operates and
the crystal oscillator signal (a pulse signal) is output.
When XB is 0, XBUF outputs a low level.
(After the power-on reset, XB is set to 0 and the output buffer is fixed
at the low level.)
3
XBUF
Crystal oscillator buffer
XOUT


Número de pieza similar - LC72147V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72140M SANYO-LC72140M Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
LC72144M SANYO-LC72144M Datasheet
308Kb / 22P
   PLL Frequency Synthesizer
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72146M SANYO-LC72146M Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
More results

Descripción similar - LC72147V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LC72191 SANYO-LC72191 Datasheet
194Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in Car Stereo Tuners
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com