Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC7215FM Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
LC7215FM Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 7 page Specifications Absolute Maximum Ratings at Ta = 25°C, VSS =0 V Values in parentheses are for the LC7215F and LC7215FM. Parameter Symbol Conditions Ratings Unit Maximum supply voltage VDD max VDD –0.3 to +6.5 V Input voltage VIN1 All input pins –0.3 to VDD +0.3 V VIN2 CE, CL, DATA (Note) –0.3 to +6.5 V Output current IOUT AOUT 0 to 5 mA Output voltage VOUT1 AOUT –0.3 to +15 V VOUT2 SYC, TB –0.3 to +6.5 V VOUT3 All output pins except VOUT1 and VOUT2 –0.3 to VDD +0.3 V Allowable power dissipation Pd max Ta % 85°C 150 mW Operating temperature Topr –40 to +85 °C Storage temperature Tstg –55 to +125 °C Note: Voltage that is applied to the resistors when resistors totaling at least 10 k Ω are connected to a pin in series. Allowable Operating Conditions at VSS =0 V Values in parentheses are for the LC7215F and LC7215FM. Parameter Symbol Conditions min typ max Unit Supply voltage VDD1VDD (4.5)3.0 (5.5)5.5 V VDD2VDD (Crystal OSC oscillation guaranteed) 3.0 5.5 V High-level input voltage VIH CE, CL, DATA 2.0 VDD1V Low-level input voltage VIL CE, CL, DATA 0 0.5 V Output voltage VOUT1 AOUT 13 V VOUT2 SYC, TB 5.5 V Input frequency fIN1 PIN: Sine wave, capacitive coupling VDD1, *S=1 (2.3)2.3 (20)13 MHz fIN2 PIN: Sine wave, capacitive coupling VDD1, *S=0 0.5 2.5 MHz Oscillation guaranteed crystal oscillator X’tal XIN, XOUT: CI % 30 Ω 8.00 11.16 12.00 MHz Input amplitude VIN1 PIN: Square wave, capacity connection VDD1, *S=1 100 1000 mVrms VIN2 PIN: Square wave, capacity connection VDD1, *S=0 100 1000 mVrms Power supply — VDD,VSS: A capacitor of at least 1000 pF must be inserted. 1000 pF LC7215, 7215F, 7215FM No.3584-2/7 |
Número de pieza similar - LC7215FM |
|
Descripción similar - LC7215FM |