Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC72342W Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza LC72342W
Descripción Electrónicos  Low-Voltage Single-Chip Microcontrollers with On- Chip PLL and LCD Driver Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72342W Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72342W Datasheet HTML 1Page - Sanyo Semicon Device LC72342W Datasheet HTML 2Page - Sanyo Semicon Device LC72342W Datasheet HTML 3Page - Sanyo Semicon Device LC72342W Datasheet HTML 4Page - Sanyo Semicon Device LC72342W Datasheet HTML 5Page - Sanyo Semicon Device LC72342W Datasheet HTML 6Page - Sanyo Semicon Device LC72342W Datasheet HTML 7Page - Sanyo Semicon Device LC72342W Datasheet HTML 8Page - Sanyo Semicon Device LC72342W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
No. 5799-4/12
LC72341G/W, 72342G/W, 72343G/W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +4.0
V
Input voltage
VIN
All input pins
–0.3 to VDD + 0.3
V
Output voltage
VOUT1
AOUT, PE
–0.3 to +15
V
VOUT2
All output pins except VOUT1
–0.3 to VDD to + 0.3
V
IOUT1
PC, PD, PG, PH, EO
0 to 3
mA
IOUT2
PB
0 to 1
mA
Output current
IOUT3
AOUT, PE
0 to 2
mA
IOUT4
S1 to S20
300
µA
IOUT5
COM1 to COM4
3
mA
Allowable power dissipation
Pd max
Ta = –20 to +70°C
300
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–45 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
CPU and PLL operating voltage
1.8
3.0
3.6
V
VDD2
Memory retention voltage
1.0
V
VIH1
VIH2, VIH3, AMIN, FMIN,
0.7 VDD
VDD
V
Input high-level voltage
Input ports except HCTR and XIN.
VIH2
RES
0.8 VDD
VDD
V
VIH3
Port PF
0.6 VDD
VDD
V
VIL1
VIL2, VIL3, AMIN, FMIN,
0
0.3 VDD
V
Input low-level voltage
Input ports except HCTR and XIN.
VIL2
RES
0
0.2 VDD
V
VIL3
Port PF
0
0.2 VDD
V
VIN1
XIN
0.5
0.6
Vrms
Input amplitude
VIN2
FMIN, AMIN
0.035
0.35
Vrms
VIN3
FMIN
0.05
0.35
Vrms
VIN4
HCTR
0.035
0.35
Vrms
Input voltage range
VIN5
ADI0, ADI1
0
VDD
V
FIN1
XIN : CI
≤ 35 kΩ
70
75
80
kHz
FIN2
FMIN : VIN2, VDD1
10
130
MHz
Input frequency
FIN3
FMIN : VIN3, VDD1
130
250
MHz
FIN4
AMIN (H) : VIN2, VDD1
2
40
MHz
FIN5
AMIN (L) : VIN2, VDD1
0.5
10
MHz
FIN6
HCTR : VIN4, VDD1
0.4
12
MHz
Allowable Operating Ranges at Ta = –20 to 70°C, VDD = 1.8 to 3.6 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
IIH1
XIN : VI = VDD = 3.0 V
3
µA
Input high-level current
IIH2
FMIN, AMIN, HCTR : VI = VDD = 3.0 V
3
8
20
µA
IIH3
Ports PA/PF (with no pull-down resistor), PC,
3
µA
PD, PG, and PH. RES: VI = VDD = 3.0 V
IIL1
XIN : VI = VDD = VSS
–3
µA
Input low-level current
IIL2
FMIN, AMIN, HCTR : VI = VDD = VSS
–3
–8
–20
µA
IIL3
Ports PA/PF (with no pull-down resistor), PC,
–3
µA
PD, PG, and PH. RES: VI = VDD = VSS
Input floating voltage
VIF
PA/PF with pull-down resistors used
0.05 VDD
V
Pull-down resistance
RPD1
PA/PF with pull-down resistors used, VDD = 3 V
75
100
200
k
Hysteresis
VH
RES
0.1 VDD
0.2 VDD
V
Voltage doubler reference voltage
DBR4
Ta = 25°C, referenced to VDD, C3 = 0.47 µF
1.3
1.5
1.7
V
Voltage doubler step-up voltage
DBR1, 2, 3 Ta = 25°C, C1 = 0.45 µF, C2 = 0.47 µF, no load
2.7
3.0
3.3
V
Electrical Characteristics at Ta = –20 to 70°C, VDD = 1.8 to 3.6 V (in the allowable operating ranges)


Número de pieza similar - LC72342W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234-8460 SANYO-LC7234-8460 Datasheet
536Kb / 26P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72344W SANYO-LC72344W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345 SANYO-LC72345 Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
LC72345W SANYO-LC72345W Datasheet
90Kb / 13P
   Low-Voltage ETR Controller with On-Chip DC-DC Converter
More results

Descripción similar - LC72342W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC72336 SANYO-LC72336 Datasheet
185Kb / 16P
   Single-Chip Microcontrollers with Built-In LCD Driver and PLL Circuits
LC72322 SANYO-LC72322 Datasheet
236Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC7232N SANYO-LC7232N Datasheet
692Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver?
LC7230-8221 SANYO-LC7230-8221 Datasheet
565Kb / 25P
   Single-chip PLL and Microcontroller with LCD Driver
LC7233 SANYO-LC7233 Datasheet
362Kb / 16P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7234 SANYO-LC7234 Datasheet
358Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC7233N-8818 SANYO-LC7233N-8818 Datasheet
833Kb / 36P
   Single-Chip PLL and Controller with LCD Driver???
LC7233N SANYO-LC7233N Datasheet
371Kb / 15P
   Single-Chip PLL and Microcontroller with LCD Driver???
LC72321 SANYO-LC72321 Datasheet
234Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
LC72323 SANYO-LC72323 Datasheet
224Kb / 13P
   Single-Chip Microcontroller with PLL and LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com