Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LC723732 Datasheet(PDF) 12 Page - Sanyo Semicon Device

No. de Pieza. LC723732
Descripción  ETR Microcontrollers
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo 

LC723732 Datasheet(HTML) 12 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LC723700 Instruction Set
Abbreviations
ADDR:
Program memory address
b:
Borrow
c:
Carry
DH:
Data memory address High (Row address) [2 bits]
DL:
Data memory address Low(Column address) [4 bits]
I:
Immediate data [4 bits]
M:
Data memory address
N:
Bit position [4 bits]
MADR:
M specified by address register
ROMADR:
Program memory data specified by address register
P1n, P2n:
Port number [4 bits]
PW1n, PW2n:
Port control word number [4 bits]
PEn:
Peripheral register number [4 bits]
SR:
ADR/DTR
ADR:
Address register
DTR:
Data register
r:
General register (One of the address from 00H to 0FH of BANK0)
SWR:
Status write register
SRR:
Status read register
( ), [ ]:
Contents of register or memory
M(DH, DL):
Data memory specified by DH, DL
No. 5931-12/14
LC723732/40/48/56/64
Mnemonic
Operand
Function
Operations function
Instruction format
1st
2nd
AD
r
M
Add M to r
r
← (r) + (M)
0 1 0 0 0 0 DH
DL
r
ADS
r
M
ADD M to r, then skip if carry
r
← (r) + (M), skip carry
0 1 0 0 0 1 DH
DL
r
AC
r
M
Add M to r with carry
r
← (r) + (M) + C
0 1 0 0 1 0 DH
DL
r
ACS
r
M
Add M to r with carry, then skip if carry
r
← (r) + (M) + C skip if carry
0 1 0 0 1 1 DH
DL
r
AI
M
I
Add I to M
M
← (M) + I
0 1 0 1 0 0 DH
DL
I
AIS
M
I
Add I to M, then skip if carry
M
← (M) + I, skip if carry
0 1 0 1 0 1 DH
DL
I
AIC
M
I
Add I to M with carry
M
← (M) + I + C
0 1 0 1 1 0 DH
DL
I
AICS
M
I
Add I to M with carry, then skip if carry
M
← (M) + I + C, skip if carry
0 1 0 1 1 1 DH
DL
I
SU
r
M
Subtract M from r
r
← (r) – (M)
0 1 1 0 0 0 DH
DL
r
SUS
r
M
Subtract M from r, then skip if borrow
r
← (r) – (M), skip if borrow
0 1 1 0 0 1 DH
DL
r
SB
r
M
Subtract M from r with borrow
r
← (r) – (M) – b
0 1 1 0 1 0 DH
DL
r
SBS
r
M
Subtract M from r with borrow,
r
← (r) – (M) –b, skip if borrow 0 1 1 0 1 1 DH
DL
r
then skip if borrow
SI
M
I
Subtract I from M
M
← (M) – I
0 1 1 1 0 0 DH
DL
I
SIS
M
I
Subtract I from M, then skip if borrow
M
← (M) – I, skip if borrow
0 1 1 1 0 1 DH
DL
I
SIB
M
I
Subtract I from M with borrow
M
← (M) – I – b
0 1 1 1 1 0 DH
DL
I
SIBS
M
I
Subtract I from M with borrow,
M
← (M) – I –b, skip if borrow 0 1 1 1 1 1 DH
DL
I
then skip if borrw
SEQ
r
M
Skip if r equal to M
(r) – (M), skip if zero
0 0 0 1 0 0 DH
DL
r
SEQI
M
I
Skip if M equal to I
(M) – I, skip if zero
0 0 0 1 0 1 DH
DL
I
SNEI
M
I
Skip if M not equal to I
(M) – I, skip if not zero
0 0 0 0 0 1 DH
DL
I
SGE
r
M
Skip if r is greater than or equal to M
(r) – (M), skip if not borrow
0 0 0 1 1 0 DH
DL
r
SLE
r
M
Skip if r is less than M
(r) – M, skip if borrow
0 0 0 0 1 0 DH
DL
r
SGEI
M
I
Skip if M is greater than or equal to I
(M) – I, skip if not borrow
0 0 0 1 1 1 DH
DL
I
SLEI
M
I
Skip if M is less than I
(M) – I, skip if borrow
0 0 0 0 1 1 DH
DL
I
f e d c b a 9 8 7 6 5 4 3 2 1 0
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn