Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC73862 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LC73862
Descripción Electrónicos  DTMF Receiver LSI
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC73862 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC73862 Datasheet HTML 1Page - Sanyo Semicon Device LC73862 Datasheet HTML 2Page - Sanyo Semicon Device LC73862 Datasheet HTML 3Page - Sanyo Semicon Device LC73862 Datasheet HTML 4Page - Sanyo Semicon Device LC73862 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DTMF Receiver LSI
Overview
The LC73861 and LC73862 are DTMF signal detector receiver
that incorporates all the necessary filters for telephone
answering machines.
Features
.
16-DTMF tone signal decoder
.
DTMF receiver with all necessary filters built-in
.
Dial tone filter
.
High-group bandpass filter
.
Low-group bandpass filter
.
Extended dynamic range
.
Serial data output
.
Microcontroller guard-time compatible
.
4.5 to 5.5 V operating supply voltage range
Package Dimensions
unit : mm
3001B-DIP8
[LC73861, LC73862]
SANYO : DIP8
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS =0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +6.0
V
Maximum input voltage
VIN max
–0.3 to VDD +0.3
V
Maximum input current
IIN max
–10 to +10
mA
Maximum output voltage
VOUT max
–0.3 to VDD +0.3
V
Allowable power dissipation
Pd max
Ta
% 85°C
500
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Allowable Operating Conditions at Ta = –40°C to +85°C, VSS =0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Operating supply voltage
VDD
4.5
5.5
V
High-level input voltage
VIH
ACK pin
0.7VDD
V
Low-level input voltage
VIL
ACK pin
0.3VDD
V
DC Electrical Characteristics at Ta = 25°C
± 2°C, V
DD =5 V, VSS =0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Operating supply current
IDD(op)
3
7
mA
High-level output current
IOH
VOUT = 4.6 V, SD and EST pins
–0.4
mA
Low-level output current
IOL
VOUT = 0.4 V, SD and EST pins
1
mA
Input impedance
Zin
INPUT pin
10
k
Ordering number: EN4431A
CMOS LSI
LC73861, LC73862
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
93097HA(II)/90793JN B8-0375 No.4431-1/5


Número de pieza similar - LC73862

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC73860 SANYO-LC73860 Datasheet
103Kb / 6P
   DTMF Receiver IC
More results

Descripción similar - LC73862

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC73881M SANYO-LC73881M Datasheet
109Kb / 5P
   DTMF Receiver LSI
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com