Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62651 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62651
Descripción Electrónicos  800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62651 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62651 Datasheet HTML 1Page - Texas Instruments TPS62651 Datasheet HTML 2Page - Texas Instruments TPS62651 Datasheet HTML 3Page - Texas Instruments TPS62651 Datasheet HTML 4Page - Texas Instruments TPS62651 Datasheet HTML 5Page - Texas Instruments TPS62651 Datasheet HTML 6Page - Texas Instruments TPS62651 Datasheet HTML 7Page - Texas Instruments TPS62651 Datasheet HTML 8Page - Texas Instruments TPS62651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
CSP-9
FB
C2
4.7 F
m
L1
0.47 H
m
VIN
TPS62650
2.3V..5.5V
SW
GND
EN
VSEL
SDA
SCL
upto3.4Mbips
VO
C1
VI
VO =Roof
VO =Floor
I2C Bus
4.7 F
m
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO
LoadCurrent
mA
0
V =3.6V
ForcedPWMOperation
I
V =4.2V
PFM/PWMOperation
I
V =3.6V
PFM/PWMOperation
I
V =2.7V
PFM/PWMOperation
I
VO =1.2V
TPS62650
TPS62651
www.ti.com
SLVS808A
– AUGUST 2009 – REVISED FEBRUARY 2011
800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Check for Samples: TPS62650, TPS62651
1
FEATURES
DESCRIPTION
2
86% Efficiency at 6 MHz Operation
The
TPS6265x
device
is
a
high-frequency
synchronous step-down dc-dc converter optimized for
38
μA Quiescent Current
battery-powered portable applications. Intended for
Wide VIN Range From 2.3 V to 5.5 V
low-power applications, the TPS6265x supports up to
6MHz Regulated Frequency Operation
800mA load current and allows the use of small, low
Best-In-Class Load and Line Transient
cost inductors and capacitors.
±2% PWM DC Voltage Accuracy
The device is ideal for mobile phones and similar
portable applications powered by a single-cell Li-Ion
Automatic PFM/PWM Mode Switching
battery. With an output voltage range adjustable via
Low Ripple Light-Load PFM
I2C interface down to 0.75V, the device supports
I2C Compatible Interface up to 3.4 Mbps
low-voltage
DSPs
and
processors
core
power
Pin-Selectable Output Voltage (VSEL)
supplies in smart-phones and handheld computers.
Internal Soft-Start,
<150-μs Start-Up Time
The TPS6265x operates at a regulated 6MHz
switching
frequency
and
enters
the
efficiency
Current Overload and Thermal Shutdown
optimized power-save mode operation at light load
Protection
currents to maintain high efficiency over the entire
Three Surface-Mount External Components
load current range. In the shutdown mode, the
Required (One MLCC Inductor, Two Ceramic
current consumption is reduced to less than 3.5
μA.
Capacitors)
The serial interface is compatible with Standard,
Complete Sub 1-mm Component Profile
Fast/Fast
Plus
and
High-Speed
mode
I2C
Solution
specification allowing transfers at up to 3.4 Mbps.
Total Solution Size
<13mm2
This communication interface is used for dynamic
voltage scaling with voltage steps down to 12.5mV,
Available in a 9-Pin NanoFree
™ (CSP)
for setting the output voltage or reprogramming the
Packaging
mode of operation (PFM/PWM or Forced PWM) for
instance.
APPLICATIONS
The TPS6265x is available in an 9-pin chip-scale
SmartReflex
™ Compliant Power Supply
package (CSP).
OMAP
™ Application Processor Core Supply
Cell Phones, Smart-Phones
Micro DC-DC Converter Modules
spacer
Figure 1. Typical Application
Figure 2. Efficiency vs Load Control
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree, SmartReflex, OMAP are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
© 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS62651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62651 TI-TPS62651 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62651YFF TI-TPS62651YFF Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62651YFFR TI-TPS62651YFFR Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62651YFFT TI-TPS62651YFFT Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
More results

Descripción similar - TPS62651

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com