Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC846AW Datasheet(PDF) 1 Page - Weitron Technology |
|
BC846AW Datasheet(HTML) 1 Page - Weitron Technology |
1 / 4 page V V V °C °C 1 2 3 BC846AW/BW BC847AW/BW/CW BC848AW/BW/CW SOT-323(SC-70) 1 BASE COLLECTOR EMITTER 3 2 General Purpose Transistor NPN Silicon Lead(Pb)-Free P b Maximum Ratings (TA=25°C Unlesso therwise noted) Collector-Emitter Voltage BC846 BC847 BC848 Collector-Base Voltage BC846 BC847 BC848 65 45 30 Value Max IC VCEO VCBO VEBO Collector Current-Continuous 100 mA Emitter-Base Voltage BC846 BC847 BC848 80 50 30 6.0 6.0 5.0 Unit Unit Symbol Symbol Rating Characteristics Thermal Characteristics Device Marking BC846AW=1A; BC846BW=1B; BC847AW=1E; BC847BW=1F 1. FR-5=1.0 x 0.75 x 0.062 in. Total Device Dissipation FR-5 Board (Note.1) TA=25°C Derate above 25°C Junctionand Temperature Range Storage Temperature Range Thermal Resistance, Junctionto Ambient (Note.1) Tstg TJ -55 to +150 +150 833 150 2.4 °C/W mW/°C mW PD RθJA http://www.weitron.com.tw WEITRON 1/4 Rev.B 12-Dec-06 BC847CW=1G; BC848AW=1J; BC848BW;=1K; BC848CW=1L |
Número de pieza similar - BC846AW_06 |
|
Descripción similar - BC846AW_06 |