Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC848 Datasheet(PDF) 1 Page - Weitron Technology

No. de pieza BC848
Descripción Electrónicos  NPN/PNP Dual General Purpose Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC848 Datasheet(HTML) 1 Page - Weitron Technology

  BC848 Datasheet HTML 1Page - Weitron Technology BC848 Datasheet HTML 2Page - Weitron Technology BC848 Datasheet HTML 3Page - Weitron Technology BC848 Datasheet HTML 4Page - Weitron Technology BC848 Datasheet HTML 5Page - Weitron Technology BC848 Datasheet HTML 6Page - Weitron Technology BC848 Datasheet HTML 7Page - Weitron Technology BC848 Datasheet HTML 8Page - Weitron Technology BC848 Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NPN/PNP Dual General Purpose Transistors
BC846BPDW = BB , BC847BPDW = 3F , BC847CPDW = 3G , BC848BPDW = 13K , BC848CPDW = 13L
Device Marking
WEITRON
BC846BPDW Series
http://www.weitron.com.tw
SOT-363(SC-88)
1
2
3
6 5
4
09-Oct-08
1/9
3
4
5
1
2
6
NPN+PNP
Lead(Pb)-Free
P b
MAXIMUM RATINGS - NPN
Rating
Symbol
BC846
BC847
BC848
Unit
Collector
-Emitter Voltage
VCEO
65
45
30
V
Collector
-Base Voltage
VCBO
80
50
30
V
Emitter
-Base Voltage
VEBO
6.0
6.0
5.0
V
Collector Current - Continuous
IC
100
100
100
mAdc
MAXIMUM RATINGS - PNP
Rating
Symbol
BC846
BC847
BC848
Unit
Collector
-Emitter Voltage
VCEO
-65
-45
-30
V
Collector
-Base Voltage
VCBO
-80
-50
-30
V
Emitter
-Base Voltage
VEBO
-5.0
-5.0
-5.0
V
Collector Current - Continuous
IC
-100
-100
-100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
Per Device
FR
-5 Board (1)
TA = 25˚C
Derate Above 25
˚C
PD
380
250
3.0
mW
mW/
˚C
Thermal Resistance Junction to Ambient
R
θJA
328
˚C/W
Junction Temperature Range
Storage Temperature Range
TJ
Tstg
-55 to +150
˚C
-55 to +150
˚C
1. FR
-5 = 1.0 x 0.75 x 0.062 in


Número de pieza similar - BC848

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
68Kb / 3P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
360Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Fairchild Semiconductor
BC848 FAIRCHILD-BC848 Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
logo
Shenzhen Luguang Electr...
BC848 LUGUANG-BC848 Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
KEC(Korea Electronics)
BC848 KEC-BC848 Datasheet
48Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - BC848

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Cystech Electonics Corp...
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com