Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF201-30.TC Datasheet(PDF) 3 Page - Semtech Corporation

No. de pieza STF201-30.TC
Descripción Electrónicos  USB Downstream Port Filter & TVS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF201-30.TC Datasheet(HTML) 3 Page - Semtech Corporation

  STF201-30.TC Datasheet HTML 1Page - Semtech Corporation STF201-30.TC Datasheet HTML 2Page - Semtech Corporation STF201-30.TC Datasheet HTML 3Page - Semtech Corporation STF201-30.TC Datasheet HTML 4Page - Semtech Corporation STF201-30.TC Datasheet HTML 5Page - Semtech Corporation STF201-30.TC Datasheet HTML 6Page - Semtech Corporation STF201-30.TC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
STF201-22 & STF201-30
Typical Characteristics
ESD Clamping (8kV Contact)
Typical Insertion Loss
ESD Clamping (15kV Air)
0.030MHz
2.0GHz
0 dB
-10 dB
-20 dB
Analog Crosstalk (D+ to D-)
0.030 MHz
1 GHz
0 dB
-20 dB
-60 dB


Número de pieza similar - STF201-30.TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
STF201-30 SEMTECH-STF201-30 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF201-30TC SEMTECH-STF201-30TC Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
More results

Descripción similar - STF201-30.TC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
ECLAMP2122S SEMTECH-ECLAMP2122S Datasheet
229Kb / 7P
   USB Downstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSB-D1 CALMIRCO-PACUSB-D1 Datasheet
315Kb / 9P
   USB Downstream Port Terminator
PACUSB200 CALMIRCO-PACUSB200 Datasheet
40Kb / 2P
   USB DUAL DOWNSTREAM PORT FILTER WITH ESD PROTECTION
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
   USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
   USB Upstream Port Filter and TVS
STF202-22 SEMTECH-STF202-22_04 Datasheet
182Kb / 7P
   USB Upstream Port Filter and TVS
logo
ON Semiconductor
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
   USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com