Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF202-22 Datasheet(PDF) 2 Page - Semtech Corporation

No. de pieza STF202-22
Descripción Electrónicos  USB Upstream Port Filter and TVS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF202-22 Datasheet(HTML) 2 Page - Semtech Corporation

  STF202-22_04 Datasheet HTML 1Page - Semtech Corporation STF202-22_04 Datasheet HTML 2Page - Semtech Corporation STF202-22_04 Datasheet HTML 3Page - Semtech Corporation STF202-22_04 Datasheet HTML 4Page - Semtech Corporation STF202-22_04 Datasheet HTML 5Page - Semtech Corporation STF202-22_04 Datasheet HTML 6Page - Semtech Corporation STF202-22_04 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
STF202-22 and STF202-30
Absolute Maximum Rating
Electrical Characteristics
g
n
i
t
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
r
e
w
o
P
e
t
a
t
S
-
y
d
a
e
t
SP
k
p
0
0
1W
m
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
e
g
r
a
h
c
s
i
D
ri
A
D
S
E
2
-
4
-
0
0
0
1
6
C
E
I
r
e
p
e
g
r
a
h
c
s
i
D
t
c
a
t
n
o
C
D
S
E
V
D
S
E
6
1
0
1
V
k
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
).
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
x
x
-
2
0
2
F
T
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
S
V
TV
M
W
R
5
2
.
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
S
V
TV
R
B
I
t
A
m
1
=6
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
S
V
TI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
2
.
5
=
V
n
e
e
w
t
e
B
S
U
B
d
n
a
n
i
p
d
n
u
o
r
G
5A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
S
V
TI
R
V
M
W
R
C
°
5
2
=
T
,
V
3
.
3
=
a
t
a
d
y
n
a
n
e
e
w
t
e
B
.
d
n
u
o
r
G
d
n
a
n
i
p
)-
D
,
+
D
(
1A
µ
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
S
V
TC
j
d
n
a
s
n
i
p
O
/
I
n
e
e
w
t
e
B
e
c
i
v
e
d
h
c
a
e
,
d
n
u
o
r
G
V
R
z
H
M
1
=
f
,
V
0
=
0
1F
p
)
2
2
-
2
0
2
F
T
S
(
e
c
n
a
t
s
i
s
e
R
s
e
ir
e
SR
S
e
n
i
L
h
c
a
E0
22
24
2
)
0
3
-
2
0
2
F
T
S
(
e
c
n
a
t
s
i
s
e
R
s
e
ir
e
SR
S
e
n
i
L
h
c
a
E7
20
33
3
e
c
n
a
t
s
i
s
e
R
p
U
ll
u
PR
P
U
e
n
i
L
h
c
a
E5
3
.
15
.
15
6
.
1k
r
o
ti
c
a
p
a
CC
e
n
i
L
h
c
a
E7
4F
p
e
c
n
a
ti
c
a
p
a
C
l
a
t
o
TC
T
O
T
r
o
t
u
p
n
I
n
e
e
w
t
e
B
d
n
a
d
n
u
o
r
G
d
n
a
t
u
p
t
u
O
V
S
U
B
d
e
d
n
u
o
r
g
V
R
z
H
M
1
=
f
,
V
0
=
0
6F
p


Número de pieza similar - STF202-22_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
STF202-22T1 ONSEMI-STF202-22T1 Datasheet
57Kb / 8P
   USB Filter with ESD Protection
July, 2002 ??Rev. 6
STF202-22T1G ONSEMI-STF202-22T1G Datasheet
124Kb / 6P
   USB Filter with ESD Protection
September, 2012 ??Rev. 9
logo
Semtech Corporation
STF202-22TC SEMTECH-STF202-22TC Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
More results

Descripción similar - STF202-22_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
STF203-15 SEMTECH-STF203-15 Datasheet
174Kb / 6P
   USB Upstream Port Filter and TVS
ECLAMP2522P SEMTECH-ECLAMP2522P Datasheet
198Kb / 7P
   USB Upstream Port Filter and TVS For EMI Filtering and ESD Protection
STF202-22 SEMTECH-STF202-22 Datasheet
164Kb / 6P
   USB Upstream Port Filter & TVS For EMI Filtering and ESD Protection
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
STMicroelectronics
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
   EMI filter and line termination for USB upstream ports
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com