Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC74732W Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza LC74732W
Descripción Electrónicos  On-Screen Display Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74732W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC74732W Datasheet HTML 1Page - Sanyo Semicon Device LC74732W Datasheet HTML 2Page - Sanyo Semicon Device LC74732W Datasheet HTML 3Page - Sanyo Semicon Device LC74732W Datasheet HTML 4Page - Sanyo Semicon Device LC74732W Datasheet HTML 5Page - Sanyo Semicon Device LC74732W Datasheet HTML 6Page - Sanyo Semicon Device LC74732W Datasheet HTML 7Page - Sanyo Semicon Device LC74732W Datasheet HTML 8Page - Sanyo Semicon Device LC74732W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Ordering number : ENN*6526
63000RM (OT) No. 6526-1/38
Overview
The LC74731W and LC74732W are on-screen display
CMOS ICs that display characters and patterns on a TV
screen under the control of a microcontroller. These ICs
display 16
× 16-dot characters and up to 12 lines of text
with 24 characters per line.
Features
• Text structure: 12 lines
× 24 characters (Up to 288
characters)
• Character format: 16
× 16 dots
Character display clock frequency: about 9 MHz
• Character sizes: Four sizes each in the horizontal and
vertical directions with the size set in line units.
• Number of characters supported:
LC74731W:256 (internal)
LC74732W:512 (internal)
Up to 8192 using an external ROM (for Japanese)
[Reference]
JIS X0298 (1990): 6877 characters
JIS level 1 kanji: 2965 characters
JIS level 2 kanji: 3388 characters
Special characters: 524 characters
• Display start positions: 128 positions each in the
horizontal and vertical directions
• Blinking, reverse video, reversed blinking, and character
outlining: May be specified in individual character units.
• Blinking types: Two types with periods of about 1.0 and
about 0.5 seconds.
• Blanking: The whole font area (16
×16 dots) can be
blanked in line units
(Four types: no blanking, character size blanking,
character plus outlining size blanking, and whole area up
to adjacent character blanking)
• Line spacing control: Zero to seven scan lines, in line
units
• Character color: Eight colors in character units (in
internal synchronization mode): 2 fsc and 4 fsc
(Black, red, green, yellow, blue, magenta, cyan, and
white)
• Character background color: Eight colors (in internal
synchronization mode): 2 fsc and 4 fsc
(Black, red, green, yellow, blue, magenta, cyan, and
transparent)
• Screen background color: Eight colors (in internal
synchronization mode): 2 fsc and 4 fsc
(Black, red, green, yellow, blue, magenta, cyan, and
white)
• External control inputs: Serial interface with an 8-bit
data size.
• Built-in sync separator circuit
• Video outputs: NTSC, PAL, PALM, PALN, NTSC
4.43, and PAL 60 composite video signal outputs
• Supports Y/C input
Package Dimensions
Preliminary
LC74731W,74732W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
On-Screen Display Controller
CMOS IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1.25
0.5
1.25
0.18
12.0
116
17
32
33
48
49
64
10.0
0.5
0.5
0.15
SANYO: SQFP64
[LC74731W,74732W]


Número de pieza similar - LC74732W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC74732W SANYO-LC74732W Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74732W-9811-E ONSEMI-LC74732W-9811-E Datasheet
339Kb / 39P
   On-Screen Display Controller
March 2015 - Rev. 1
More results

Descripción similar - LC74732W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
Sanyo Semicon Device
LC74788 SANYO-LC74788 Datasheet
211Kb / 23P
   On-Screen Display Controller
LC74789 SANYO-LC74789 Datasheet
211Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90092 FUJITSU-MB90092_01 Datasheet
348Kb / 40P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74787 SANYO-LC74787 Datasheet
216Kb / 23P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90099 FUJITSU-MB90099 Datasheet
1Mb / 36P
   On-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com