Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ537 Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza 2SJ537
Descripción Electrónicos  Chopper Regulator, DC?묭C Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ537 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SJ537 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ537 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ537
2009-09-29
5
rth − tw
Pulse width tw (S)
Single Pulse
0.001
100μ
1m
10m
100m
1
10
100
0.01
0.1
1
SAFE OPERATING AREA
Drain-source voltage VDS (V)
−0.01
−0.1
−1
−10
−0.1
−1
−100
−0.01
−100
−10
Single pulse
Ta=25℃
Curves must be derated linearly
with increase in temperature.
ID max (pulse)*
IDmax (continuous)
DC OPEATION
Ta =25°C
100
μs *
1 ms *
VDSS max
10
Duty=t/T
Rth(ch-a)=138℃/W


Número de pieza similar - 2SJ537

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ537 TOSHIBA-2SJ537 Datasheet
249Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SJ537 TOSHIBA-2SJ537 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ537 TOSHIBA-2SJ537_06 Datasheet
266Kb / 6P
   Silicon P Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results

Descripción similar - 2SJ537

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com