Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3089 Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza 2SK3089
Descripción Electrónicos  Chopper Regulator DC?묭C Converter, and Motor Drive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3089 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3089 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3089 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3089 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3089
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSVI)
2SK3089
Chopper Regulator DC−DC Converter, and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 25 mΩ (typ.)
High forward transfer admittance
: |Yfs| = 20 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 30 V)
Enhancement mode
: Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
30
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
40
Drain current
Pulse (Note 1)
IDP
80
A
Drain power dissipation (Tc = 25°C)
PD
50
W
Single pulse avalanche energy
(Note 2)
EAS
134
mJ
Avalanche current
IAR
40
A
Repetitive avalanche energy (Note 3)
EAR
5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data
(i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
2.5
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
83.3
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 60 μH, RG = 25 Ω, IAR = 40 A
Note 3: Repetitive rating pulse width limited by maximum channel
temperature.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


Número de pieza similar - 2SK3089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK3089 TOSHIBA-2SK3089 Datasheet
137Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3089 TOSHIBA-2SK3089 Datasheet
191Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter, and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK3089B ISC-2SK3089B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3089K ISC-2SK3089K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3089 TOSHIBA-2SK3089_06 Datasheet
191Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter, and Motor Drive Applications
More results

Descripción similar - 2SK3089

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3051 TOSHIBA-2SK3051_09 Datasheet
165Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com